Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HSMF-C146 Datasheet(PDF) 2 Page - AVAGO TECHNOLOGIES LIMITED

Part # HSMF-C146
Description  Side View SMT ChipLED
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HSMF-C146 Datasheet(HTML) 2 Page - AVAGO TECHNOLOGIES LIMITED

  HSMF-C146 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HSMF-C146 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HSMF-C146 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HSMF-C146 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HSMF-C146 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HSMF-C146 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HSMF-C146 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Absolute Maximum Value at TA = 25°C
Parameter
AlInGaP Red
InGaN Blue
Unit
Forward current1
30
20
mA
Power dissipation
72
78
mW
Operating temperature
-30 to 85
°C
Storage temperature
-40 to 85
°C
Note:
1.
Derate as shown in Figure 5.
Optical Characteristics at TA = 25°C, IF = 20mA
Color
Luminous Intensity (mcd)1
Peak
Wavelength
(nm)
Dominant
Wavelength
(nm)2
Viewing Angle
(°)3
Min
Typ
Typ
Typ
Typ
Red
18.0
79.0
644
632
110
Blue
28.5
75.0
459
464
110
Note:
1.
The luminous intensity is measured at the mechanical axis of the lamp package which may not be
aligned with the peak of the spatial radiation pattern.
2.
The dominant wavelength is derived from the CIE Chromaticity Diagram and represents the perceived
color of the device.
3.
Θ1/2 is the off axis angle where the luminous intensity is ½ the peak intensity.
Electrical Characteristics at TA = 25°C
Color
Forward Voltage (V)1
Reverse Voltage
(V)2 at 100μA
Thermal
Resistance Rθj-p
(°C/W)
Min
Max
Min
Typ
Red
1.6
2.9
5
400
Blue
2.9
3.9
5
300
Note:
1.
Forward voltage tolerance is ±0.1V.
2.
Reverse voltage Indicates product final testing, long terms reverse bias is not recommended.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com