Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HSMR-C280 Datasheet(PDF) 2 Page - AVAGO TECHNOLOGIES LIMITED

Part # HSMR-C280
Description  Miniature ChipLED
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HSMR-C280 Datasheet(HTML) 2 Page - AVAGO TECHNOLOGIES LIMITED

  HSMR-C280 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HSMR-C280 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HSMR-C280 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HSMR-C280 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HSMR-C280 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HSMR-C280 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HSMR-C280 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Absolute Maximum Value at TA = 25°C
Parameter
InGaN Blue
Unit
Forward Current1
20
mA
Peak Pulsing Current2
100
mA
Power Dissipation
78
mW
LED Junction Temperature
95
°C
Operating Temperature Range
-30 to 85
°C
Storage Temperature Range
-40 to 85
°C
Note:
1.
Derate as shown in Figure 5.
2.
Pulse condition of 1/10 duty and 0.1ms width.
Optical Characteristics at TA = 25°C, IF=20mA
Color
Luminous Intensity
Iv (mcd)1
Peak
Wavelength
λp(nm)
Dominant
Wavelength
λd(nm)2
Viewing
Angle
2θ1/23
Min
Typ
Typ
Typ
Typ
Blue
28.5
80.0
459
465
130
Note:
1.
The luminous intensity is measured at the peak of the spatial radiation pattern which may not be
aligned with the mechanical axis of the lamp package.
2.
The dominant wavelength is derived from the CIE Chromaticity Diagram and represents the perceived
color of the device.
3.
Viewing angle is the off axis angle where the luminous intensity is ½ the peak intensity.
Electrical Characteristics at TA = 25°C, IF=20mA
Color
Forward Voltage Vf (V)1
Reverse Voltage
Vr(V) @Ir=100μA2
Thermal
Resistance
Rthj-pin(°C/W)
Min
Max
Min
Typ
Blue
2.7
3.9
5
300
Note:
1.
Forward voltage tolerance is ±0.1V.
2.
Reverse voltage Indicates product final testing, long terms reverse bias is not recommended.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com