Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EX32905 Datasheet(PDF) 1 Page - Axiomtek Co., Ltd.

Part # EX32905
Description  Industrial Unmanaged 5/8-port 10/100/1000BASE Gigabit Ethernet Switch
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXIOMTEK [Axiomtek Co., Ltd.]
Direct Link  http://www.axiomtek.com/
Logo AXIOMTEK - Axiomtek Co., Ltd.

EX32905 Datasheet(HTML) 1 Page - Axiomtek Co., Ltd.

  EX32905 Datasheet HTML 1Page - Axiomtek Co., Ltd. EX32905 Datasheet HTML 2Page - Axiomtek Co., Ltd. EX32905 Datasheet HTML 3Page - Axiomtek Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
EX32900 Series
www.EtherWAN.com
1
rev. A2
Overview
EtherWAN’s EX32900 Series is a compact industrial Unmanaged Gigabit switching platform, designed for easy deployment in harsh
environments.
The EX32900 Series is equipped with five or eight Gigabit Ethernet ports, or a combination of Gigabit copper ports and one Gigabit
fiber port for long distance connectivity. Although unmanaged, the EX32900 is feature-rich with Jumbo Frame support, full wire
speed Gigabit throughput, QoS support and eco-friendly IEEE802.3az EEE (Energy Efficient Ethernet) compliant, making the EX32900
Series a powerful yet energy efficient network switch.
EtherWAN—"When Connectivity is Crucial."
Spotlight
•IndustrialGrade
◦ Supports -10°C to 60°C (14°F to 140°F) operating temperature
◦ Supports DIN-Rail mounting
•JumboFrameSupport
◦ Up to 10K bytes (EX32905/EX32914 Series)
◦ Up to 9720 bytes (EX32908/EX32917 Series)
•FiberConnectivity
◦ Up to one 1000BASE-SX port with SC and ST options
•HighReliability
◦ Fanless Design
◦ No moving parts
EX32900Series
IndustrialUnmanaged5/8-port10/100/1000BASEGigabit
EthernetSwitch


Similar Part No. - EX32905

ManufacturerPart #DatasheetDescription
logo
Extech Instruments Corp...
EX320 EXTECH-EX320 Datasheet
302Kb / 1P
Compact MultiMeters Voltage Detector
More results

Similar Description - EX32905

ManufacturerPart #DatasheetDescription
logo
Advantech Co., Ltd.
EKI-2725 ADVANTECH-EKI-2725 Datasheet
259Kb / 1P
5-port Gigabit Unmanaged Industrial Ethernet Switch
logo
Axiomtek Co., Ltd.
EX16900 AXIOMTEK-EX16900 Datasheet
405Kb / 3P
Unmanaged 5/8-port 10/100/1000BASE Ethernet Switch
EX35000 AXIOMTEK-EX35000 Datasheet
448Kb / 4P
Industrial Unmanaged 8-port Gigabit Ethernet Switch
logo
Advantech Co., Ltd.
EKI-2725-CE ADVANTECH-EKI-2725-CE Datasheet
285Kb / 2P
5-port Gigabit Unmanaged Industrial Ethernet Switch
EKI-3725P-AE ADVANTECH-EKI-3725P-AE Datasheet
603Kb / 2P
5-port Gigabit Unmanaged PoE Industrial Ethernet Switch
EKI-2725-BE ADVANTECH-EKI-2725-BE Datasheet
285Kb / 2P
5-port Gigabit Unmanaged Industrial Ethernet Switch
EKI-3725-AE ADVANTECH-EKI-3725-AE Datasheet
886Kb / 2P
5-port Gigabit Unmanaged Industrial Ethernet Switch
logo
ORing Industrial Networ...
IGPS-1080-24V ORING-IGPS-1080-24V Datasheet
1Mb / 3P
Industrial 8-port unmanaged Gigabit PoE Ethernet switch
IGPS-1082GP ORING-IGPS-1082GP Datasheet
319Kb / 5P
Industrial 10-port unmanaged Gigabit PoE Ethernet switch
IGS-1082GP ORING-IGS-1082GP Datasheet
303Kb / 4P
Industrial 10-port unmanaged Gigabit Ethernet switch
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com