Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

54F253LL Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # 54F253LL
Description  Dual 4-Input Multiplexer with TRI-STATE Outputs
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

54F253LL Datasheet(HTML) 2 Page - National Semiconductor (TI)

  54F253LL Datasheet HTML 1Page - National Semiconductor (TI) 54F253LL Datasheet HTML 2Page - National Semiconductor (TI) 54F253LL Datasheet HTML 3Page - National Semiconductor (TI) 54F253LL Datasheet HTML 4Page - National Semiconductor (TI) 54F253LL Datasheet HTML 5Page - National Semiconductor (TI) 54F253LL Datasheet HTML 6Page - National Semiconductor (TI) 54F253LL Datasheet HTML 7Page - National Semiconductor (TI) 54F253LL Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Unit LoadingFan Out
54F74F
Pin Names
Description
UL
Input IIH IIL
HIGHLOW
Output IOH IOL
I0a–I3a
Side A Data Inputs
1010
20 mA b06 mA
I0b–I3b
Side B Data Inputs
1010
20 mA b06 mA
S0–S1
Common Select Inputs
1010
20 mA b06 mA
OEa
Side A Output Enable Input (Active LOW)
1010
20 mA b06 mA
OEb
Side B Output Enable Input (Active LOW)
1010
20 mA b06 mA
Za Zb
TRI-STATE Outputs
15040(333)
b
3 mA24 mA (20 mA)
Functional Description
This device contains two identical 4-input multiplexers with
TRI-STATE outputs They select two bits from four sources
selected by common Select inputs (S0 S1) The 4-input mul-
tiplexers have individual Output Enable (OEa OEb) inputs
which when HIGH force the outputs to a high impedance
(High Z) state This device is the logic implementation of a
2-pole 4-position switch where the position of the switch is
determined by the logic levels supplied to the two select
inputs The logic equations for the outputs are shown below
Za e OEa  (I0a  S1  S0 a I1a  S1  S0 a
I2a  S1  S0 a I3a  S1  S0)
Zb e OEb  (I0b  S1  S0 a I1b  S1  S0 a
I2b  S1  S0 a I3b  S1  S0)
If the outputs of TRI-STATE devices are tied together all
but one device must be in the high impedance state to avoid
high currents that would exceed the maximum ratings De-
signers should ensure that Output Enable signals to TRI-
STATE devices whose outputs are tied together are de-
signed so that there is no overlap
Truth Table
Select
Data Inputs
Output
Output
Inputs
Enable
S0
S1
I0
I1
I2
I3
OE
Z
X
X
XXXX
H
Z
L
L
L
XXX
L
L
L
L
H
XXX
L
H
H
L
XLX
X
L
L
H
L
XHX
X
L
H
L
H
X
XLX
L
L
L
H
X
XHX
L
H
H
H
XXX
L
L
L
H
H
XXX
H
L
H
Address inputs S0 and S1 are common to both sections
H e HIGH Voltage Level
L e LOW Voltage Level
X e Immaterial
Z e High Impedance
Logic Diagram
TLF9505 – 4
Please note that this diagram is provided only for the understanding of logic operations and should not be used to estimate propagation delays
2



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com