Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP195ACPZ-R7 Datasheet(PDF) 6 Page - Analog Devices

Part # ADP195ACPZ-R7
Description  Logic Controlled, High-Side Power Switch with Reverse Current Blocking
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP195ACPZ-R7 Datasheet(HTML) 6 Page - Analog Devices

Back Button ADP195ACPZ-R7 Datasheet HTML 2Page - Analog Devices ADP195ACPZ-R7 Datasheet HTML 3Page - Analog Devices ADP195ACPZ-R7 Datasheet HTML 4Page - Analog Devices ADP195ACPZ-R7 Datasheet HTML 5Page - Analog Devices ADP195ACPZ-R7 Datasheet HTML 6Page - Analog Devices ADP195ACPZ-R7 Datasheet HTML 7Page - Analog Devices ADP195ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADP195ACPZ-R7 Datasheet HTML 9Page - Analog Devices ADP195ACPZ-R7 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
ADP195
Data Sheet
Rev. C | Page 6 of 12
TYPICAL PERFORMANCE CHARACTERISTICS
VIN = 1.8 V, VEN = VIN, CIN = COUT = 1 μF, TA = 25°C, unless otherwise noted.
0
0.02
0.04
0.06
0.08
0.10
0.12
–40
0
25
85
125
TEMPERATURE (°C)
IOUT = 10mA
IOUT = 100mA
IOUT = 200mA
IOUT = 500mA
IOUT = 1000mA
Figure 5. RDSON vs. Temperature, WLCSP
0
0.02
0.04
0.06
0.08
0.10
0.12
–40°C
–5°C
25°C
85°C
125°C
TEMPERATURE (°C)
IOUT = 10mA
IOUT = 50mA
IOUT = 100mA
IOUT = 200mA
IOUT = 500mA
IOUT = 1000mA
Figure 6. RDSON vs. Temperature, LFCSP
0
0.02
0.04
0.06
0.08
0.10
0.12
0.14
0.16
0.18
0.20
1.2
1.6
2.0
2.4
2.8
3.2
3.6
VIN (V)
IOUT = 10mA
IOUT = 100mA
IOUT = 200mA
IOUT = 500mA
IOUT = 1000mA
Figure 7. RDSON vs. Input Voltage (VIN), WLCSP
0
0.02
0.04
0.06
0.08
0.10
0.12
0.14
0.16
1.2 1.41.61.82.02.2 2.42.62.83.03.2 3.43.6
VIN (V)
IOUT = 10mA
IOUT = 50mA
IOUT = 100mA
IOUT = 200mA
IOUT = 500mA
IOUT = 1000mA
Figure 8. RDSON vs. Input Voltage (VIN), LFCSP
0
0.01
0.02
0.03
0.04
0.05
0.06
0.07
0.08
0.09
0.10
0.11
0.12
0
100
200
300
400
500
600
700
800
900 1000
LOAD (mA)
VIN = 1.2
VIN = 1.6
VIN = 1.8
VIN = 2.2
VIN = 2.4
VIN = 2.6
VIN = 3.0
VIN = 3.6
Figure 9. Voltage Drop vs. Load Current, WLCSP
0
0.02
0.04
0.06
0.08
0.10
0.12
0.14
0.16
0
200
400
600
800
1000
LOAD (mA)
VIN = 1.2
VIN = 1.6
VIN = 1.8
VIN = 2.0
VIN = 2.4
VIN = 2.8
VIN = 3.0
VIN = 3.2
VIN = 3.4
VIN = 3.6
Figure 10. Voltage Drop vs. Load Current, LFCSP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com