Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADP195 Datasheet(PDF) 2 Page - Analog Devices

Part # ADP195
Description  Logic Controlled, High-Side Power Switch with Reverse Current Blocking
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP195 Datasheet(HTML) 2 Page - Analog Devices

  ADP195 Datasheet HTML 1Page - Analog Devices ADP195 Datasheet HTML 2Page - Analog Devices ADP195 Datasheet HTML 3Page - Analog Devices ADP195 Datasheet HTML 4Page - Analog Devices ADP195 Datasheet HTML 5Page - Analog Devices ADP195 Datasheet HTML 6Page - Analog Devices ADP195 Datasheet HTML 7Page - Analog Devices ADP195 Datasheet HTML 8Page - Analog Devices ADP195 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
ADP195
Data Sheet
Rev. C | Page 2 of 12
TABLE OF CONTENTS
Features .............................................................................................. 1
 
Applications....................................................................................... 1
 
Typical Applications Circuit............................................................ 1
 
General Description ......................................................................... 1
 
Revision History ............................................................................... 2
 
Specifications..................................................................................... 3
 
Timing Diagram ........................................................................... 3
 
Absolute Maximum Ratings............................................................ 4
 
Thermal Data ................................................................................ 4
 
Thermal Resistance ...................................................................... 4
 
ESD Caution.................................................................................. 4
 
Pin Configurations and Function Descriptions ............................5
 
Typical Performance Characteristics ..............................................6
 
Theory of Operation .........................................................................9
 
Applications Information .............................................................. 10
 
Ground Current.......................................................................... 10
 
Enable Feature ............................................................................ 10
 
Timing ......................................................................................... 11
 
Outline Dimensions ....................................................................... 12
 
Ordering Guide .......................................................................... 12
 
REVISION HISTORY
1/12—Rev. B to Rev. C
Changes to General Description Section ...................................... 1
Changes to Table 2............................................................................ 4
Updated Outline Dimensions ....................................................... 12
2/11—Rev. A to Rev. B
Added 6-Lead LFCSP.........................................................Universal
Changes to Features, Applications, and General Description
Sections .............................................................................................. 1
Added VIN to VOUT Resistance, LFCSP Parameter, Table 1.......... 3
Changes to Table 2 and Table 3....................................................... 4
Added Figure 4; Renumbered Sequentially .................................. 5
Added Table 5; Renumbered Sequentially .................................... 5
Added Figure 6, Figure 8, and Figure 10 ....................................... 6
Changes to Theory of Operation Section...................................... 9
Updated Outline Dimensions ....................................................... 12
Changes to Ordering Guide .......................................................... 12
7/10—Rev. 0 to Rev. A
Changes to Features and Applications Sections ............................1
Changed 10 μA Ground Current to 1 μA Ground Current in
General Description Section............................................................1
Changes to Table 2 and Thermal Resistance Section ...................4
Added Thermal Data Section .........................................................4
3/10—Revision 0: Initial Version



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com