Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C3D08065E Datasheet(PDF) 2 Page - Cree, Inc

Part # C3D08065E
Description  Silicon Carbide Schottky Diode
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

C3D08065E Datasheet(HTML) 2 Page - Cree, Inc

  C3D08065E Datasheet HTML 1Page - Cree, Inc C3D08065E Datasheet HTML 2Page - Cree, Inc C3D08065E Datasheet HTML 3Page - Cree, Inc C3D08065E Datasheet HTML 4Page - Cree, Inc C3D08065E Datasheet HTML 5Page - Cree, Inc C3D08065E Datasheet HTML 6Page - Cree, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2
C3D08065E Rev. A, 12-2015
10
15
20
25
30
TJ = 175 °C
TJ = 125 °C
TJ = 75 °C
T = 25 °C
0
5
10
0 100 200 300 400 500 600 700 800 900 1000
Reverse Voltage, VR (V)
TJ = -55 °C
TJ = 25 °C
Electrical Characteristics
Symbol
Parameter
Typ.
Max.
Unit
Test Conditions
Note
V
F
ForwardVoltage
1.5
2.1
1.8
2.4
V
I
F=8ATJ=25°C
I
F=8ATJ=175°C
Fig.1
I
R
ReverseCurrent
10
20
50
200
μA
V
R=650VTJ=25°C
V
R=650VTJ=175°C
Fig.2
Q
C
TotalCapacitiveCharge
20
nC
V
R=650V,IF=8A
di/dt=500A/μs
T
J=25°C
Fig.5
C
TotalCapacitance
395
37
32
pF
V
R=0V,TJ=25°C,f=1MHz
V
R=200V,TJ=25˚C,f=1MHz
V
R=400V,TJ=25˚C,f=1MHz
Fig.6
E
C
CapacitanceStoredEnergy
3.0
μJ
V
R=400V
Fig.7
Note:Thisisamajoritycarrierdiode,sothereisnoreverserecoverycharge.
Thermal Characteristics
Symbol Parameter
Typ.
Unit
Note
R
θ
JC
ThermalResistancefromJunctiontoCase
1.25
°C/W
Fig.9
Typical Performance
Figure1.ForwardCharacteristics
Figure2.ReverseCharacteristics
020040060080010001200
8
10
12
14
16
18
20
TJ = -55 °C
TJ = 25 °C
TJ = 75 °C
TJ = 175 °C
TJ = 125 °C
0
2
4
6
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
Foward Voltage, VF (V)
V
F (V)
V
R (V)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com