Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS1AF Datasheet(PDF) 1 Page - YENYO TECHNOLOGY Co., Ltd

Part # FS1AF
Description  1.0A Super Fast Recovery Rectifier
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YENYO [YENYO TECHNOLOGY Co., Ltd]
Direct Link  http://www.yenyo.com.tw
Logo YENYO - YENYO TECHNOLOGY Co., Ltd

FS1AF Datasheet(HTML) 1 Page - YENYO TECHNOLOGY Co., Ltd

  FS1AF Datasheet HTML 1Page - YENYO TECHNOLOGY Co., Ltd FS1AF Datasheet HTML 2Page - YENYO TECHNOLOGY Co., Ltd FS1AF Datasheet HTML 3Page - YENYO TECHNOLOGY Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
YENYO
1/3
R03,JUL-15
FS1AF THRU FS1JF
1.0A Super Fast Recovery Rectifier 
1. 封裝 Package  
封裝方式 Method: SMAF 
封裝尺寸 Dimension:  如圖示 
2. 產品特色  Features 
For surface mounted applications in order optimize board space  
Easy pick and place 
Superfast recovery times for high efficiency 
Glass passivated chip junction 
Ultra thin profile package for space constrained utilization 
Package suitable for automated handling 
Lead‐free & halogen‐free parts ,ROHS compliant  
3. 機械數據  Mechanical Data 
Epoxy: UL94V‐0 rated flame retardant 
Case: Epoxy, Molded 
Terminals: Solder plated solderable per MIL‐STD‐750 Method 2026 
Polarity: Color band denotes cathode end 
 
 
4. 極限值與電參數 Maximum Ratings & Electrical Characteristic 
Rating at 25
OC ambient temperature unless otherwise specified. Single phase, half wave, 60Hz, resistive or 
inductive load. For capacitive load, derate current by 20%. 
 
 
Notes: 
(1) Mounted on an FR4 PCB, single‐sided copper, with 48cm
2 copper pad area. 
(2) Mounted on an FR4 PCB, single‐sided copper, mini pad. 
 
PARAMETER 
Symbol
FS1AF 
FS1BF 
FS1DF 
FS1GF 
FS1JF 
UNITS 
Recurrent Peak Reverse Voltage 
VRRM 
50 
100 
200 
400 
600 
Volts 
RMS Voltage 
VRMS 
35 
70 
140 
280 
420 
Volts 
DC Blocking Voltage 
VR 
50 
100 
200 
400 
600 
Volts 
Average Forward Current 
IF(AV) 
1.0 
Amps 
Peak Forward Surge Current 8.3ms single half sine 
‐wave superimposed on rated load (JEDEC Method) 
IFSM 
30 
Amps 
Forward Voltage at 1.0A 
VF 
0.95 
1.25 
1.7 
Volts 
DC Reverse Current at Rated  
DC Blocking Voltage   
IR 
3 
uA 
Typical Thermal Resistance, Junction to Lead (NOTE1) 
                         Junction to Ambient (NOTE2) 
RθJL 
RθJA 
24 
150 
OC/W 
Operating Junction Temperature and Storage 
Temperature Range 
TJ,TSTG ‐55 to +150 
OC 
Reverse Recovery Time (IF=0.5A, IR=1A, IRR=0.25A) 
Trr 
35 
nS 
單位 Unit: millimeters
TJ=25
O


Similar Part No. - FS1AF

ManufacturerPart #DatasheetDescription
logo
Jinan Gude Electronic D...
FS1A JGD-FS1A Datasheet
254Kb / 4P
1.0 AMPS. FAST RECOVERY SILICON RECTIFIER
logo
Micro Commercial Compon...
FS1A MCC-FS1A Datasheet
621Kb / 3P
1 Amp Fast Recovery Silicon Rectifier 50 to 1000 Volts
logo
Compact Technology Corp...
FS1A CTC-FS1A Datasheet
173Kb / 2P
SURFACE MOUNT FAST RECOVERY RECTIFIERS
logo
Shenzhen Ping Sheng Ele...
FS1A PFS-FS1A Datasheet
516Kb / 3P
1 Amp Fast Recovery Silicon Rectifier 50 to 1000 Volts
logo
Micro Commercial Compon...
FS1A MCC-FS1A Datasheet
234Kb / 4P
1 Amp Fast Recovery Silicon Rectifier 50 to 1000 Volts
More results

Similar Description - FS1AF

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
FR106 DIODES-FR106 Datasheet
58Kb / 2P
1.0A FAST RECOVERY RECTIFIER
DS26001 Rev. D-3
MUR140 DIODES-MUR140 Datasheet
64Kb / 2P
1.0A SUPER-FAST RECTIFIER
DS30112 Rev. B-2
SF11 DIODES-SF11 Datasheet
58Kb / 2P
1.0A SUPER-FAST RECOVERY RECTIFIER
DS24001 Rev. D1-3
1N4933 DIODES-1N4933_1 Datasheet
67Kb / 3P
1.0A FAST RECOVERY RECTIFIER
DS26002 Rev. 6 - 2
logo
TAITRON Components Inco...
TSF11 TAITRON-TSF11 Datasheet
130Kb / 4P
1.0A Super Fast Recovery Rectifier
logo
Diodes Incorporated
MUR140 DIODES-MUR140_15 Datasheet
91Kb / 3P
1.0A SUPER-FAST RECTIFIER
Rev erse
logo
YENYO TECHNOLOGY Co., L...
FS1000FL YENYO-FS1000FL Datasheet
212Kb / 2P
1.0A Super Fast Recovery Rectifier
logo
Zibo Seno Electronic En...
BYV26A ZSELEC-BYV26A Datasheet
93Kb / 2P
1.0A SUPER FAST RECOVERY RECTIFIER
BYV26D ZSELEC-BYV26D Datasheet
84Kb / 2P
1.0A SUPER FAST RECOVERY RECTIFIER
logo
Torex Semiconductor
XBF10A40S-G TOREX-XBF10A40S-G Datasheet
241Kb / 5P
1.0A Fast Recovery Rectifier
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com