Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX6156LETM Datasheet(PDF) 2 Page - Axiomtek Co., Ltd.

Part # AX6156LETM
Description  4U 14-slot Rackmount Chassis
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXIOMTEK [Axiomtek Co., Ltd.]
Direct Link  http://www.axiomtek.com/
Logo AXIOMTEK - Axiomtek Co., Ltd.

AX6156LETM Datasheet(HTML) 2 Page - Axiomtek Co., Ltd.

  AX6156LETM Datasheet HTML 1Page - Axiomtek Co., Ltd. AX6156LETM Datasheet HTML 2Page - Axiomtek Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Overview
Embedded
Systems
Embedded
Systems for
Transportation
Embedded
Field
Controllers
Industrial
Firewall
Digital Signage
Solutions
442
axiomtek.com
© 2016 Axiomtek Co., Ltd. All rights reserved.
* All specifications and photos are subject to change without notice.
Embedded
MicroBoxes
Industrial
Barebone
Systems
Industrial
Chassis
Backplanes
Power
Supplies
Peripherals &
Accessories
8
Ordering Information
Power Supply Specifications
Dimensions
Items
Watt
Specifications
Input
Output
MTBF
PS302-
XP2
ATX 300W
(PFC)
AC100~240V
(Auto)
+5V @ 16A
+12V1 @ 17A
+12V2 @ 17A
+3.3V @ 19A
+5VSB @ 2.5A
-12V @ 0.3A
100,000
hours
RPS400-
HRP
ATX 400W
HRP
(PFC)
AC 90~264V
(Auto)
+5V @ 35A
+12V @ 28A
-5V @ 0.5A
-12V @ 1.2A
+3.3V @ 25A
+5VSB @ 2.0A
100,000
hours
PS400-
XP2
ATX 400W
(PFC)
AC 90~264V
(Auto)
+5V @ 25A
+12 @ 41A
-12V @ 0.8A
+3.3V @ 25A
+5VSB @ 3.5A
100,000
hours
PS501-
HRP
ATX 500W
HRP
(PFC)
AC 90~264V
(Auto)
+5V @ 25A
+12 @ 41A
-12V @ 0.8A
+3.3V @ 25A
+5VSB @ 3.5A
100,000
hours
AX6156LET(W)B/X300
14-slot version, with ATX 300W power supply
AX6156LET(W)B/X400
14-slot version, with ATX 400W power supply
AX6156LET(W)B/X300R
14-slot version, with ATX 300W redundant power supply
AX6156LET(W)M/X300
MB version, with ATX 300W power supply
AX6156LET(W)M/X400
MB version, with ATX 400W power supply
AX6156LET(W)M/X300R
MB version, with ATX 300W redundant power supply
*Specifications and certifications are based on options and may vary.
** T-Black color; W-Beige color
Backplane Options
Models
Slots per Segment
(ISA/PCI/PCIe/CPU)
Segment
ATX6022/13L
8/4/0/1
Single
ATX6022/14
9/4/0/1
Single
ATX6022/14G
1/12/0/1
Single
ATX6022/14GP7
6/7/0/1
Single
Models
Slots per Segment
(ISA/PCI/PCIe/CPU)
Segment
FAB100
4/4/5/1
Single
FAB101
0/13/0/1
Single
FAB112
0/10/2/1
Single
FAB113
0/4/8/1
Single
FAB114
0/8/4/1
Single
FAB118
0/7/6/1
Single
FAB119
0/10/2/1
Single
PICMG 1.0
PICMG 1.3
Optional Items
ATX 500W power supply with PFC
ATX 300W redundant power supply with PFC
ATX 500W redundant power supply with PFC



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com