Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74F253 Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # 74F253
Description  Dual 4-Input Multiplexer with TRI-STATE Outputs
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

74F253 Datasheet(HTML) 4 Page - National Semiconductor (TI)

  74F253 Datasheet HTML 1Page - National Semiconductor (TI) 74F253 Datasheet HTML 2Page - National Semiconductor (TI) 74F253 Datasheet HTML 3Page - National Semiconductor (TI) 74F253 Datasheet HTML 4Page - National Semiconductor (TI) 74F253 Datasheet HTML 5Page - National Semiconductor (TI) 74F253 Datasheet HTML 6Page - National Semiconductor (TI) 74F253 Datasheet HTML 7Page - National Semiconductor (TI) 74F253 Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
AC Electrical Characteristics
74F
54F
74F
TA ea25 C
TA VCC e Mil
TA VCC e Com
Symbol
Parameter
VCC ea50V
CL e 50 pF
CL e 50 pF
Units
CL e 50 pF
Min
Typ
Max
Min
Max
Min
Max
tPLH
Propagation Delay
45
85
115
35
150
45
130
ns
tPHL
Sn to Zn
30
65
90
25
110
30
100
tPLH
Propagation Delay
30
55
70
25
90
30
80
ns
tPHL
In to Zn
25
45
60
25
80
25
70
tPZH
Output Enable Time
30
60
80
25
100
30
90
tPZL
30
60
80
25
100
30
90
ns
tPHZ
Output Disable Time
20
37
50
20
65
20
60
tPLZ
20
44
60
20
80
20
70
4



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com