Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX69178 Datasheet(PDF) 1 Page - Axiomtek Co., Ltd.

Part # AX69178
Description  1U 17 LCD Rackmount Monitor/Keyboard Drawer with 8-port KVM
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXIOMTEK [Axiomtek Co., Ltd.]
Direct Link  http://www.axiomtek.com/
Logo AXIOMTEK - Axiomtek Co., Ltd.

AX69178 Datasheet(HTML) 1 Page - Axiomtek Co., Ltd.

  AX69178 Datasheet HTML 1Page - Axiomtek Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
467
* All specifications and photos are subject to change without notice.
Features
AX69178
1U 17" LCD Rackmount Monitor/Keyboard
Drawer with 8-port KVM
● Industrial grade input device for space-critical environments
● 17" TFT LCD display/supports SXGA (1280 x 1024) resolution
● Compact design, only 550 mm depth
● LED display for status indicating grade
● Integrated keyboard/touchpad
● OSD (On Screen Display) function for LCD display
● Built-in power supply
● Knob lock and slide rail lock
● Tempered glass to protect LCD panel
Packing List
Ordering Information
1U monitor/keyboard drawer
AC power cord
One set KVM cable only
Utility CD containing user's manual
Operating Environment
Temperature: 0° to 45°C (32°F to 113°F)
Humidity: 20 to 90% @ 40°C (104°F), non-condensing
Vibration: 10 to 58 Hz, ±0.075 mm; 58 to 500 Hz, 1 g
Non-Operating
Environment
Temperature: -20° to 60°C (-4° to 158°F)
Humidity: 5 to 95% @ 40°C (104°F), non-condensing
Vibration: 10 to 58 Hz, ±0.15 mm; 58 to 500 Hz, 2 g
Standard
AX69178
1U 17" TFT monitor/keyboard drawer with 8-port KVM,
notebook keyboard and touchpad
KVM Cable Option
59069178000E
1-port KVM cable
Specifications
Housing
Meets EIA RS-310C standard 1U 19" (482.6 mm) rackmount,
black color or RAL 7035
Construction
SECC
Standard Color
Black (MOQ50 for white)
LCD
17" TFT LCD panel display with built-in power saving
and back light protection functions
Display Size
17" diagonal
Pixel Pitch (H x V)
0.264 x 0.264 mm
Maximum Resolution
SXGA (1280 x 1024)
Contrast Ratio
400:1 (typical)
Brightness
260 nits
Response Time
Tr: 12 ms; Tf: 4 ms
Interface
Analog RGB input
LCD Controller
Genesis gm5120 LCD controller
Scanning Frequencies
Vsync: 57 ~ 75 Hz
Hsync: 80 KHz
Backlight
Backlight automatically shuts off when display is closed
Display Colors
16.2 million (RGB 6-bit)
LCD panel protection
Tempered glass to protect LCD panel
Viewing Angle
Horizontal: 70/70 degrees (typical)
Vertical: 70/70 degrees (typical)
Signal Connector
AX69178: DB25
KVM Switch AX69178
KVM switch control: Front panel switch, hotkey & OSD
control
KVM support: Up to eight systems; cascade to three
levels, up to 512 systems
Monitor Control Type
Digital microprocessor OSD control
Screen Adjustment
Controls
Menu, auto adjustment, brightness, contrast, phase, H/V
position pitch, zoom, color, language and OSD position
Plug & Play
DDC1/2 B
Keyboard
PS/2, 83-key
MTBF
40,000hrs
Power Supply
Input: 115 to 230VAC, 1.8A, 50/60 Hz, 2/1A
Output: 12VDC @ 3A, 2.5W per channel
Type: AC PSU auto-switching
Power Consumption
26.25W (typical), 36W (max)
Viewing Area (W x H)
13.3" x 10.64" (337.92 x 270.34 mm)
Dimensions
440 mm (17.34") (W) x 44 mm (1.73") (H)
x 550 mm (21.65") (D)
Weight (net weight)
30.8 lb (14 kg)


Similar Part No. - AX69178

ManufacturerPart #DatasheetDescription
logo
Axiomtek Co., Ltd.
AX69170 AXIOMTEK-AX69170 Datasheet
139Kb / 1P
Integrated keyboard/touchpad
More results

Similar Description - AX69178

ManufacturerPart #DatasheetDescription
logo
BOSER Technology Co., L...
KVM-9000 BOSER-KVM-9000 Datasheet
105Kb / 1P
19" 1U High, Full-size Rackmount 8-port/16-port KVM Switch with 15" LCD, keyboard, Touchpad
logo
List of Unclassifed Man...
B004-008 ETC2-B004-008 Datasheet
480Kb / 4P
8-Port 1U Rackmount KVM Switch
B020-016-17 ETC2-B020-016-17 Datasheet
515Kb / 5P
16-Port NetDirector 1U Rackmount Console KVM Switch w/17" LCD
B072-008-1 ETC2-B072-008-1 Datasheet
478Kb / 4P
8-Port NetCommander 1U Rackmount Cat5 KVM Switch
logo
Axiomtek Co., Ltd.
AX69158 AXIOMTEK-AX69158 Datasheet
172Kb / 1P
1U 15 LCD Rackmount Monitor/Keyboard Drawer with 8-port KVM
logo
Advantech Co., Ltd.
96KVM-H17V1U-XX ADVANTECH-96KVM-H17V1U-XX Datasheet
100Kb / 1P
1U 17 FHD LCD Console Drawer
96KVM-H17V8U-XX ADVANTECH-96KVM-H17V8U-XX Datasheet
207Kb / 1P
1U 17 FHD LCD KVM Drawer
96KVM-R17V1C-XX ADVANTECH-96KVM-R17V1C-XX Datasheet
96Kb / 1P
1U 17 LCD Console Drawer
96KVM-R19V8C-XX ADVANTECH-96KVM-R19V8C-XX Datasheet
216Kb / 1P
1U 19 LCD KVM Drawer
RK-1 ADVANTECH-RK-1 Datasheet
426Kb / 2P
Keyboard Drawer & KVM Benefits
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com