Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SN74LVC07AD Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # SN74LVC07AD
Description  Hex Buffer/Driver With Open-Drain Outputs
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74LVC07AD Datasheet(HTML) 2 Page - Texas Instruments

  SN74LVC07AD Datasheet HTML 1Page - Texas Instruments SN74LVC07AD Datasheet HTML 2Page - Texas Instruments SN74LVC07AD Datasheet HTML 3Page - Texas Instruments SN74LVC07AD Datasheet HTML 4Page - Texas Instruments SN74LVC07AD Datasheet HTML 5Page - Texas Instruments SN74LVC07AD Datasheet HTML 6Page - Texas Instruments SN74LVC07AD Datasheet HTML 7Page - Texas Instruments SN74LVC07AD Datasheet HTML 8Page - Texas Instruments SN74LVC07AD Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 30 page
background image
SN74LVC07A
SCAS595V – OCTOBER 1997 – REVISED MAY 2015
www.ti.com
Table of Contents
8.4
VCC = 5 V ± 0.5 V.................................................... 10
1
Features .................................................................. 1
9
Detailed Description ............................................ 11
2
Applications ........................................................... 1
9.1
Overview ................................................................. 11
3
Description ............................................................. 1
9.2
Functional Block Diagram ....................................... 11
4
Simplified Schematic............................................. 1
9.3
Feature Description................................................. 11
5
Revision History..................................................... 2
9.4
Device Functional Modes........................................ 11
6
Pin Configuration and Functions ......................... 3
10
Application and Implementation........................ 12
7
Specifications......................................................... 4
10.1
Application Information.......................................... 12
7.1
Absolute Maximum Ratings ..................................... 4
10.2
Typical Application ............................................... 12
7.2
ESD Ratings.............................................................. 4
11
Power Supply Recommendations ..................... 13
7.3
Recommended Operating Conditions ...................... 4
12
Layout................................................................... 13
7.4
Thermal Information .................................................. 5
12.1
Layout Guidelines ................................................. 13
7.5
Electrical Characteristics—DC Limit Changes.......... 5
12.2
Layout Example .................................................... 13
7.6
Switching Characteristics –40°C to 85°C.................. 6
13
Device and Documentation Support ................. 14
7.7
Switching Characteristics –40°C to 125°C................ 6
13.1
Community Resources.......................................... 14
7.8
Operating Characteristics.......................................... 6
13.2
Trademarks ........................................................... 14
7.9
Typical Characteristics .............................................. 6
13.3
Electrostatic Discharge Caution ............................ 14
8
Parameter Measurement Information .................. 7
13.4
Glossary ................................................................ 14
8.1
VCC = 1.8 V ± 0.15 V................................................. 7
14
Mechanical, Packaging, and Orderable
8.2
VCC = 2.5 V ± 0.2 V................................................... 8
Information ........................................................... 14
8.3
VCC = 2.7 and 3.3 V ± 0.3 V ..................................... 9
5 Revision History
Changes from Revision U (June 2014) to Revision V
Page
•
Changed Handling Ratings table to ESD Ratings table ........................................................................................................ 4
•
Added industry standard terms to package designators in the Thermal Information table .................................................... 5
•
Changed from "High" to "High-Z" in the Function Table ..................................................................................................... 11
Changes from Revision T (February 2011) to Revision U
Page
•
Updated document to new TI data sheet format .................................................................................................................... 1
•
Removed Ordering Information table ..................................................................................................................................... 1
•
Added Ioff Features bullet........................................................................................................................................................ 1
•
Added Applications ................................................................................................................................................................. 1
•
Added Device Information table. ............................................................................................................................................ 1
•
Added Handling Ratings table. ............................................................................................................................................... 4
•
Changed MAX operating free-air temperature from 85°C to 125°C....................................................................................... 4
•
Updated Thermal Information table. ...................................................................................................................................... 5
•
Added –40°C TO 125°C temperature range to Electrical Characteristics table. .................................................................... 5
•
Added Switching Characteristics table for –40°C TO 125°C temperature range. .................................................................. 6
•
Added Typical Characteristics ................................................................................................................................................ 6
2
Submit Documentation Feedback
Copyright © 1997–2015, Texas Instruments Incorporated
Product Folder Links: SN74LVC07A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com