Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

54F299DM Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # 54F299DM
Description  Octal Universal Shift/Storage Register with Common Parallel I/O Pins
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

54F299DM Datasheet(HTML) 5 Page - National Semiconductor (TI)

  54F299DM Datasheet HTML 1Page - National Semiconductor (TI) 54F299DM Datasheet HTML 2Page - National Semiconductor (TI) 54F299DM Datasheet HTML 3Page - National Semiconductor (TI) 54F299DM Datasheet HTML 4Page - National Semiconductor (TI) 54F299DM Datasheet HTML 5Page - National Semiconductor (TI) 54F299DM Datasheet HTML 6Page - National Semiconductor (TI) 54F299DM Datasheet HTML 7Page - National Semiconductor (TI) 54F299DM Datasheet HTML 8Page - National Semiconductor (TI) 54F299DM Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
AC Electrical Characteristics
74F
54F
74F
TA ea25 C
TA VCC e Mil
TA VCC e Com
Symbol
Parameter
VCC ea50V
CL e 50 pF
CL e 50 pF
Units
CL e 50 pF
Min
Typ
Max
Min
Max
Min
Max
fmax
Maximum Input Frequency
70
100
85
70
MHz
tPLH
Propagation Delay
40
70
80
40
90
40
85
tPHL
CP to Q0 or Q7
45
65
80
45
95
45
85
ns
tPLH
Propagation Delay
35
70
90
35
100
35
100
tPHL
CP to IOn
40
85
90
40
110
40
100
tPHL
Propagation Delay
55
75
95
55
125
55
105
MR to Q0 or Q7
ns
tPHL
Propagation Delay
55
110
100
55
120
55
105
MR to IOn
tPZH
Output Enable Time
35
60
80
30
95
35
90
tPZL
OE to IOn
40
70
100
40
130
40
110
ns
tPHZ
Output Disable Time
20
45
60
15
70
20
70
tPLZ
OE to IOn
10
40
55
10
65
10
65
tPZH
Output Enable Time
35
90
30
105
35
100
ns
tPZL
Sn to IOn
40
100
40
130
40
110
tPHZ
Output Disable Time
25
60
15
70
25
70
ns
tPLZ
Sn to IOn
15
55
10
65
15
65
AC Operating Requirements
74F
54F
74F
Symbol
Parameter
TA ea25 C
TA VCC e Mil
TA VCC e Com
Units
VCC ea50V
Min
Max
Min
Max
Min
Max
ts(H)
Setup Time HIGH or LOW
85
100
85
ts(L)
S0 or S1 to CP
85
75
85
ns
th(H)
Hold Time HIGH or LOW
0
0
0
th(L)
S0 or S1 to CP
0
0
0
ts(H)
Setup Time HIGH or LOW
50
50
50
ts(L)
IOn DS0 or DS7 to CP
50
50
50
ns
th(H)
Hold Time HIGH or LOW
20
20
20
th(L)
IOn DS0 or DS7 to CP
20
20
20
tw(H)
CP Pulse Width
50
50
50
ns
tw(L)
HIGH or LOW
50
50
50
tw(L)
MR Pulse Width LOW
50
60
50
ns
trec
Recovery Time MR to CP
70
120
70
ns
5



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com