Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74F280SC Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # 74F280SC
Description  9-Bit Parity Generator/Checker
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

74F280SC Datasheet(HTML) 1 Page - National Semiconductor (TI)

  74F280SC Datasheet HTML 1Page - National Semiconductor (TI) 74F280SC Datasheet HTML 2Page - National Semiconductor (TI) 74F280SC Datasheet HTML 3Page - National Semiconductor (TI) 74F280SC Datasheet HTML 4Page - National Semiconductor (TI) 74F280SC Datasheet HTML 5Page - National Semiconductor (TI) 74F280SC Datasheet HTML 6Page - National Semiconductor (TI) 74F280SC Datasheet HTML 7Page - National Semiconductor (TI) 74F280SC Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
TLF9512
August 1995
54F74F280
9-Bit Parity GeneratorChecker
General Description
The ’F280 is a high-speed parity generatorchecker that ac-
cepts nine bits of input data and detects whether an even or
an odd number of these inputs is HIGH If an even number
of inputs is HIGH the Sum Even output is HIGH If an odd
number is HIGH the Sum Even output is LOW The Sum
Odd output is the complement of the Sum Even output
Features
Y
Guaranteed 4000V minimum ESD protection
Commercial
Military
Package
Package Description
Number
74F280PC
N14A
14-Lead (0300 Wide) Molded Dual-In-Line
54F280DM (Note 2)
J14A
14-Lead Ceramic Dual-In-Line
74F280SC (Note 1)
M14A
14-Lead (0150 Wide) Molded Small Outline JEDEC
74F280SJ (Note 1)
M14D
14-Lead (0300 Wide) Molded Small Outline EIAJ
54F280FM (Note 2)
W14B
14-Lead Cerpack
54F280LM (Note 2)
E20A
20-Lead Ceramic Leadless Chip Carrier Type C
Note 1
Devices also available in 13
reel Use suffix e SCX and SJX
Note 2
Military grade device with environmental and burn-in processing Use suffix e DMQB FMQB and LMQB
Logic Symbols
Connection Diagrams
TLF9512 – 3
IEEEIEC
TLF9512 – 5
Pin Assignment for
DIP SOIC and Flatpak
TLF9512 – 1
Pin Assignment
for LCC
TLF9512 – 2
TRI-STATE
is a registered trademark of National Semiconductor Corporation
C1995 National Semiconductor Corporation
RRD-B30M115Printed in U S A


Similar Part No. - 74F280SC

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74F280SC FAIRCHILD-74F280SC Datasheet
58Kb / 5P
9-Bit Parity Generator/Checker
74F280SC FAIRCHILD-74F280SC Datasheet
76Kb / 6P
9-Bit Parity Generator/Checker
74F280SCX FAIRCHILD-74F280SCX Datasheet
77Kb / 6P
9-Bit Parity Generator/Checker
More results

Similar Description - 74F280SC

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
54AC280 NSC-54AC280 Datasheet
183Kb / 6P
9-Bit Parity Generator/Checker
logo
Fairchild Semiconductor
74AC280 FAIRCHILD-74AC280 Datasheet
65Kb / 6P
9-Bit Parity Generator/Checker
DM74S280 FAIRCHILD-DM74S280 Datasheet
62Kb / 5P
9-Bit Parity Generator/Checker
logo
Hitachi Semiconductor
HD74AC280 HITACHI-HD74AC280 Datasheet
52Kb / 9P
9-bit Parity Generator/Checker
logo
Toshiba Semiconductor
TC74AC280P TOSHIBA-TC74AC280P Datasheet
265Kb / 7P
9 - BIT PARITY GENERATOR CHECKER
logo
Motorola, Inc
MC54F280 MOTOROLA-MC54F280 Datasheet
39Kb / 3P
9-BIT PARITY GENERATOR/CHECKER
logo
Toshiba Semiconductor
TC74HC280AP TOSHIBA-TC74HC280AP_07 Datasheet
335Kb / 9P
9-Bit Parity Generator/Checker
logo
Renesas Technology Corp
HD74AC280 RENESAS-HD74AC280 Datasheet
214Kb / 8P
9-bit Parity Generator/Checker
logo
Texas Instruments
74AC11280 TI1-74AC11280 Datasheet
99Kb / 5P
9-BIT PARITY GENERATOR/CHECKER
logo
Fairchild Semiconductor
74F280SCX FAIRCHILD-74F280SCX Datasheet
77Kb / 6P
9-Bit Parity Generator/Checker
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com