Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX93291 Datasheet(PDF) 1 Page - Axiomtek Co., Ltd.

Part # AX93291
Description  2 DDR3L SO-DIMM support up to 8 GB memory capacity
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXIOMTEK [Axiomtek Co., Ltd.]
Direct Link  http://www.axiomtek.com/
Logo AXIOMTEK - Axiomtek Co., Ltd.

AX93291 Datasheet(HTML) 1 Page - Axiomtek Co., Ltd.

  AX93291 Datasheet HTML 1Page - Axiomtek Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SBC
Services
and Solutions
Systems
on
Modules
Embedded
SBCs
>EPIC
Embedded
SBCs
>3.5" Capa
Embedded
SBCs
>Nano-ITX
Embedded
SBCs
>Pico-ITX
Embedded
SBCs
>PC/104
Industrial
Mother-boards
Slot CPU
Cards
ARM
Embedded
Boards
Accessories
Appendix
3
112
axiomtek.com
© 2016 Axiomtek Co., Ltd. All rights reserved.
* All specifications and photos are subject to change without notice.
Top view
Rear view
Ethernet 1/2
Features
CAPA843
Intel® Celeron® J1900 3.5" Embedded
SBC with LVDS/VGA/HDMI, Dual LANs,
Audio and ZIO
Intel® Celeorn® processor J1900
2 DDR3L SO-DIMM support up to 8 GB memory capacity
4 USB 2.0 ports and 1 USB 3.0 port
2 COM ports
I/O
Ordering Information
Display
System
Standard
CAPA843VHGGA-J1900
P/N: E38E843100)
3.5" embedded SBC with Intel® Celeron® processor J1900
(2~2.42 GHz, 2MB Cache, 10W), VGA/LVDS/HDMI, 2 GbE
LAN and audio
Optional
CAPA843VHGGA-J1900-ZIO
(P/N:E38E843102)
3.5" Embedded SBC with Intel® Celeron® processor J1900
(2~2.42 GHz, 2MB Cache, 10W), VGA/LVDS/HDMI, 2 GbE
LAN, audio and ZIO connector
AX93262
(P/N:E393262100)
ZIO module w/ four COM ports and one PCI Express Mini Card
AX93285
(P/N:E393285100)
ZIO module w/ two COM ports and 32 bit programmable DIO
AX93291
(P/N:E393291100)
ZIO module w/two COM ports and two Gigabit Ethernet
Packing List
Standard
Quick installation guide, User’s Manual/Utility CD and cable
Accessories
Part Number
Description
Qty
59382620000E
1 x COM w/bracket P=2.0 mm, L=300 mm
1
59384500100E
Audio cable w/bracket P=2.45 mm
1
594P8802800E
1 x USB 2.0 wafer cable
1
CPU
Intel® Celeron® processor J1900 quad core onboard
System Memory
2 x 204-pin DDR3L-1066/1333 SO-DIMM max. up to 8 GB
Chipset
SoC Integrated
BIOS
AMI
SSD
1 x mSATA
Watchdog Timer
255 levels, 1~255 sec.
Expansion Interface
1 x Full-size PCI Express Mini Card
1 x Full-size PCI Express Mini Card (USB only)
1 x USB, 1x PCIe x1, 1 x LPC, 1 x SMBus through a ZIO
connector
Battery Lithium
Lithium 3V/220mAH
Power Input
2 x 2-pin connector
+10V~24V DC-in
AT Auto Power On function supported
Power Requirements
Intel® Celeron® J1900 @2.0 GHz, 8 GB DDR3L
Max. RMS: +24V @ 0.5A
Size
146 x 104 mm
Board Thickness
1.6 mm
Temperature
-20°C ~ +70°C (-4°F ~ 158°F), operation
Relative Humidity
10% ~ 95% relative humidity, non-condensing
Chipset
Intel® HD Graphics
Memory Size
Share System memory
Display Interface
1 x VGA
1 x LVDS; 18/24-bit single/dual channel
1 x HDMI
MIO
1 x RS-232/422/485; with +5V/+12V powered
1 x RS-232
SATA
1 x SATA-300
Hardware Monitoring
Detect CPU/system temperature and voltage
Ethernet
2 ports 10/100/1000 Mbps supports Wake-on-LAN, PXE Boot
ROM with Intel® i211AT
Audio
HD Codec audio as MIC-in/Line-in/Line-out with Realtek
ALC662
USB
4 x USB 2.0
1 x USB 3.0
SMBus
System Management Bus for advanced monitoring/control
Digital I/O
8 channels IN/OUT programmed
USB 3.0
ZIO
Connector
( 1 x PCIex1,
1 x USB,
1 x LPC,
1 x SMBus)
USB 2.0 2/3
VGA
HDMI
Audio
LVDS
USB 2.0 1
+12V ~+24V
Input DC
SATA
COM 1/2
NEW
Full -size PCI
Express size
Mini Card
Full -size PCI Express
Mini Card (USB only)
w/mSATA supported
Dual DDR3L
SO-DIMM
Fanless
Low Power
Full Solid
Cap Design
AiRD
PCIe Mini
PCIe Mini
PCIe Mini
DualView
DDR3L
DDR3L
DDR3L


Similar Part No. - AX93291

ManufacturerPart #DatasheetDescription
logo
Axiomtek Co., Ltd.
AX93291 AXIOMTEK-AX93291 Datasheet
296Kb / 1P
ZIO Module
AX93291 AXIOMTEK-AX93291 Datasheet
351Kb / 1P
ZIO module with two Gigabit Ethernet and two COM ports
AX93291 AXIOMTEK-AX93291 Datasheet
436Kb / 1P
3.5” Embedded SBC with Intel Atom® x5-E3940 Processor, LVDS, HDMI, 2 GbE LAN and Audio
Aug. 10, 2023.
AX93291 AXIOMTEK-AX93291 Datasheet
433Kb / 1P
3.5" Embedded SBC with LGA1151 Socket for 7th/6th Gen Intel® Core™ i7/i5/i3 Processor, LVDS, VGA, HDMI, 2 GbE LANs and Audio
Apr. 24, 2024.
AX93291 AXIOMTEK-AX93291 Datasheet
373Kb / 1P
3.5” Embedded SBC with LGA1151Socket 9th/8th Gen Intel® Core™ i7/i5/i3, Pentium® & Celeron® Processor, DisplayPort, HDMI, LVDS and 3 GbE LAN
Dec. 22, 2021.
More results

Similar Description - AX93291

ManufacturerPart #DatasheetDescription
logo
Axiomtek Co., Ltd.
PICO880 AXIOMTEK-PICO880 Datasheet
237Kb / 1P
1 DDR3L SO-DIMM supports up to 8 GB memory capacity
PICO843 AXIOMTEK-PICO843 Datasheet
402Kb / 1P
1 DDR3L SO-DIMM supports up to 8 GB memory capacity
CAPA840 AXIOMTEK-CAPA840 Datasheet
325Kb / 1P
2 DDR3L SO-DIMM supports up to 8 GB memory capacity
CAPA841 AXIOMTEK-CAPA841_16 Datasheet
446Kb / 1P
1 DDR3L SO-DIMM supports up to 8 GB memory capacity
CAPA842 AXIOMTEK-CAPA842_16 Datasheet
348Kb / 1P
1 DDR3L SO-DIMM supports up to 8 GB memory capacity
CAPA848 AXIOMTEK-CAPA848 Datasheet
326Kb / 1P
1 DDR3L SO-DIMM supports up to 8 GB memory capacity
CAPA881 AXIOMTEK-CAPA881_16 Datasheet
322Kb / 1P
1 DDR3L SO-DIMM supports up to 8 GB memory capacity
NANO840 AXIOMTEK-NANO840 Datasheet
394Kb / 1P
1 DDR3L SO-DIMM supports up to 8 GB memory capacity
PICO840 AXIOMTEK-PICO840_16 Datasheet
384Kb / 1P
1 DDR3L SO-DIMM supports up to 8 GB memory capacity
PICO880 AXIOMTEK-PICO880_16 Datasheet
296Kb / 1P
1 DDR3L SO-DIMM supports up to 8 GB memory capacity
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com