Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

54F273 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # 54F273
Description  Octal D Flip-Flop
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

54F273 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  54F273 Datasheet HTML 1Page - National Semiconductor (TI) 54F273 Datasheet HTML 2Page - National Semiconductor (TI) 54F273 Datasheet HTML 3Page - National Semiconductor (TI) 54F273 Datasheet HTML 4Page - National Semiconductor (TI) 54F273 Datasheet HTML 5Page - National Semiconductor (TI) 54F273 Datasheet HTML 6Page - National Semiconductor (TI) 54F273 Datasheet HTML 7Page - National Semiconductor (TI) 54F273 Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Connection Diagrams
Pin Assignment for
DIP SOIC and Flatpak
TLF9511 – 1
Pin Assignment
for LCC
TLF9511 – 2
Unit LoadingFan Out
54F74F
Pin Names
Description
UL
Input IIH IIL
HIGHLOW
Output IOH IOL
D0–D7
Data Inputs
1010
20 mA b06 mA
MR
Master Reset (Active LOW)
1010
20 mA b06 mA
CP
Clock Pulse Input (Active Rising Edge)
1010
20 mA b06 mA
Q0–Q7
Data Outputs
50333
b
1 mA20 mA
Mode Select-Function Table
Operating Mode
Inputs
Output
MR
CP
Dn
Qn
Reset (Clear)
L
X
X
L
Load ‘1’
H
L
hH
Load ‘0’
H
L
lL
H e HIGH Voltage Level steady state
h e HIGH Voltage Level one setup time prior to the LOW-to-HIGH clock
transition
L e LOW Voltage Level steady state
I e LOW Voltage Level one setup time prior to the LOW-to-HIGH clock
transition
X e Immaterial
L e LOW-to-HIGH clock transition
Logic Diagram
TLF9511 – 4
Please note that this diagram is provided only for the understanding of logic operations and should not be used to estimate propagation delays
2



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com