Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JH20176220CCNUNNFZCWC Datasheet(PDF) 10 Page - Jewel Hill Electronic

Part # JH20176220CCNUNNFZCWC
Description  SPECIFICATIONS FOR LCD MODULE
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JHE [Jewel Hill Electronic]
Direct Link  http://www.jhlcd.com
Logo JHE - Jewel Hill Electronic

JH20176220CCNUNNFZCWC Datasheet(HTML) 10 Page - Jewel Hill Electronic

Back Button JH20176220CCNUNNFZCWC Datasheet HTML 6Page - Jewel Hill Electronic JH20176220CCNUNNFZCWC Datasheet HTML 7Page - Jewel Hill Electronic JH20176220CCNUNNFZCWC Datasheet HTML 8Page - Jewel Hill Electronic JH20176220CCNUNNFZCWC Datasheet HTML 9Page - Jewel Hill Electronic JH20176220CCNUNNFZCWC Datasheet HTML 10Page - Jewel Hill Electronic JH20176220CCNUNNFZCWC Datasheet HTML 11Page - Jewel Hill Electronic JH20176220CCNUNNFZCWC Datasheet HTML 12Page - Jewel Hill Electronic JH20176220CCNUNNFZCWC Datasheet HTML 13Page - Jewel Hill Electronic JH20176220CCNUNNFZCWC Datasheet HTML 14Page - Jewel Hill Electronic Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
JH20176220C
VER: 1.0
- 9 -
Issue date: 2013/08/12
JEWEL HILL ELECTRONIC CO.,LTD.
7.Pin Description
Pin NO.
Symbol
Description
1`8
DB15~DB8
Date bus
9
GND
Power Ground
10`17
DB7~DB0
Date bus
18
IOVCC
Power Supply for digital circuit(1.8/2.8V)
19
VCI
Power Supply for analog circuit(2.8V)
20
RD
Read execution control pin
21
WR
Write execution control pin
22
RS
Data/Command Write Select pin
23
CS
Chip select input pin
24
RST
System Reset Pin
25
IM0
No connection
26
GND
Power Ground
27
A
Anode pin of backlight
28
K1
Cathode1 pin of backlight
29
K2
Cathode2 pin of backlight
30
K3
Cathode3 pin of backlight
31
YU
No connection
32
YD
No connection
33
XR
No connection
34
XL
No connection
35`36
NC
No connection
8.Outline Dimension



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com