Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JH22176220ACNUWNTZCWC Datasheet(PDF) 10 Page - Jewel Hill Electronic

Part # JH22176220ACNUWNTZCWC
Description  SPECIFICATIONS FOR
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JHE [Jewel Hill Electronic]
Direct Link  http://www.jhlcd.com
Logo JHE - Jewel Hill Electronic

JH22176220ACNUWNTZCWC Datasheet(HTML) 10 Page - Jewel Hill Electronic

Back Button JH22176220ACNUWNTZCWC Datasheet HTML 6Page - Jewel Hill Electronic JH22176220ACNUWNTZCWC Datasheet HTML 7Page - Jewel Hill Electronic JH22176220ACNUWNTZCWC Datasheet HTML 8Page - Jewel Hill Electronic JH22176220ACNUWNTZCWC Datasheet HTML 9Page - Jewel Hill Electronic JH22176220ACNUWNTZCWC Datasheet HTML 10Page - Jewel Hill Electronic JH22176220ACNUWNTZCWC Datasheet HTML 11Page - Jewel Hill Electronic JH22176220ACNUWNTZCWC Datasheet HTML 12Page - Jewel Hill Electronic JH22176220ACNUWNTZCWC Datasheet HTML 13Page - Jewel Hill Electronic JH22176220ACNUWNTZCWC Datasheet HTML 14Page - Jewel Hill Electronic Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
JH22176220A
VER: 1.0
- 9 -
Issue date: 2013/08/15
JEWEL HILL ELECTRONIC CO.,LTD.
7.Pin Description
PIN
NO.
PIN OUT
FUNCTION DESCRIPTION
1
GND
Ground
2
IOVCC
Power Supply(1.8-2.8)
3
VDD
Power Supply
4
CS
Chip select input pin
5
RS
Command/data select
6
WR
Read/Write execution control pin
7
RD
Read signal
8
DB0
Data Bus
9
DB1
Data Bus
10
DB2
Data Bus
11
DB3
Data Bus
12
DB4
Data Bus
13
DB5
Data Bus
14
DB6
Data Bus
15
DB7
Data Bus
16
DB8
Data Bus
17
DB9
Data Bus
18
DB10
Data Bus
19
DB11
Data Bus
20
DB12
Data Bus
21
DB13
Data Bus
22
DB14
Data Bus
23
DB15
Data Bus
24
/REST
System Reset Pin
25
IM0
The MPU 8/16bits system interface mode select pin 0
26
GND
Ground
27
YD
Touch panel down side (NC)
28
XL
Touch panel Left side (NC)
29
YU
Touch panel Up side (NC)
30
XR
Touch panel Right side (NC)
31
LED-K1
LED Negative
32
LED-K2
LED Negative
33
LED-K3
LED Negative
34
LED-A
LED Positive



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com