Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JH22176220BCNUMNTZCWC Datasheet(PDF) 10 Page - Jewel Hill Electronic

Part # JH22176220BCNUMNTZCWC
Description  SPECIFICATIONS FOR LCD MODULE
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JHE [Jewel Hill Electronic]
Direct Link  http://www.jhlcd.com
Logo JHE - Jewel Hill Electronic

JH22176220BCNUMNTZCWC Datasheet(HTML) 10 Page - Jewel Hill Electronic

Back Button JH22176220BCNUMNTZCWC Datasheet HTML 6Page - Jewel Hill Electronic JH22176220BCNUMNTZCWC Datasheet HTML 7Page - Jewel Hill Electronic JH22176220BCNUMNTZCWC Datasheet HTML 8Page - Jewel Hill Electronic JH22176220BCNUMNTZCWC Datasheet HTML 9Page - Jewel Hill Electronic JH22176220BCNUMNTZCWC Datasheet HTML 10Page - Jewel Hill Electronic JH22176220BCNUMNTZCWC Datasheet HTML 11Page - Jewel Hill Electronic JH22176220BCNUMNTZCWC Datasheet HTML 12Page - Jewel Hill Electronic JH22176220BCNUMNTZCWC Datasheet HTML 13Page - Jewel Hill Electronic JH22176220BCNUMNTZCWC Datasheet HTML 14Page - Jewel Hill Electronic Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
JH22176220B
VER: 1.0
- 9 -
Issue date: 2013/08/15
JEWEL HILL ELECTRONIC CO.,LTD.
7.Pin Description
PIN
NO. PIN OUT
FUNCTION DESCRIPTION
1
DB15
Data Bus
2
DB14
Data Bus
3
DB13
Data Bus
4
DB12
Data Bus
5
DB11
Data Bus
6
DB10
Data Bus
7
DB9
Data Bus
8
DB8
Data Bus
9
GND
Ground
10
DB7
Data Bus(NC)
11
DB6
Data Bus(NC)
12
DB5
Data Bus(NC)
13
DB4
Data Bus(NC)
14
DB3
Data Bus(NC)
15
DB2
Data Bus(NC)
16
DB1
Data Bus(NC)
17
DB0
Data Bus(NC)
18
VCC
Power Supply
19
VCI
Power Supply
20
RD
Read signal
21
WR
Read/Write execution control pin
22
RS
Command/data select
23
CS
Chip select input pin
24
RESET
System Reset Pin
25
IM0
The MPU system interface mode select pin 0(NC)
26
GND
Ground
27
A
LED Positive
28
K1
LED Negative
29
K2
LED Negative
30
K3
LED Negative
31
YU+
Touch panel Up side
32
YD-
Touch panel down side
33
XR+
Touch panel Right side
34
XL-
Touch panel Left side
35
NC
No Connection
36
NC
No Connection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com