Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JH22240320BCNUNNFZCWC Datasheet(PDF) 10 Page - Jewel Hill Electronic

Part # JH22240320BCNUNNFZCWC
Description  SPECIFICATIONS FOR LCD MODULE
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JHE [Jewel Hill Electronic]
Direct Link  http://www.jhlcd.com
Logo JHE - Jewel Hill Electronic

JH22240320BCNUNNFZCWC Datasheet(HTML) 10 Page - Jewel Hill Electronic

Back Button JH22240320BCNUNNFZCWC Datasheet HTML 6Page - Jewel Hill Electronic JH22240320BCNUNNFZCWC Datasheet HTML 7Page - Jewel Hill Electronic JH22240320BCNUNNFZCWC Datasheet HTML 8Page - Jewel Hill Electronic JH22240320BCNUNNFZCWC Datasheet HTML 9Page - Jewel Hill Electronic JH22240320BCNUNNFZCWC Datasheet HTML 10Page - Jewel Hill Electronic JH22240320BCNUNNFZCWC Datasheet HTML 11Page - Jewel Hill Electronic JH22240320BCNUNNFZCWC Datasheet HTML 12Page - Jewel Hill Electronic JH22240320BCNUNNFZCWC Datasheet HTML 13Page - Jewel Hill Electronic JH22240320BCNUNNFZCWC Datasheet HTML 14Page - Jewel Hill Electronic Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
JH22240320B
VER: 1.0
- 9 -
Issue date: 2013/08/15
JEWEL HILL ELECTRONIC CO.,LTD.
7.Pin Description
Pin NO.
Symbol
Description
1
VSS
The Power Ground
2
LEDK-
LED-
3
LEDA+
LED+
4
VSS
The Power Ground
5
/RES
Read enable clock input pin
6
A0
Reset Pin
7
SDA
Serial data input pin
8
SCK
A synchronous clock pin
9
VDDA
The Power Supply 2.8V
10
VDDIO
The Power Supply 1.8V/2.8V
11
CS
Chip Select Pin
12
VSS
The Power Ground
13
YD
TOUCH PANEL Y_DOWN(NC)
14
XL
TOUCH PANEL X_LEFT(NC)
15
YU
TOUCH PANEL Y_UP(NC)
16
XR
TOUCH PANEL X_RIGHT(NC)
17
VSS
The Power Ground
18
VSS
The Power Ground



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com