Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JH23320240BCNUWNFZCWC Datasheet(PDF) 10 Page - Jewel Hill Electronic

Part # JH23320240BCNUWNFZCWC
Description  SPECIFICATIONS FOR LCD MODULE
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JHE [Jewel Hill Electronic]
Direct Link  http://www.jhlcd.com
Logo JHE - Jewel Hill Electronic

JH23320240BCNUWNFZCWC Datasheet(HTML) 10 Page - Jewel Hill Electronic

Back Button JH23320240BCNUWNFZCWC Datasheet HTML 6Page - Jewel Hill Electronic JH23320240BCNUWNFZCWC Datasheet HTML 7Page - Jewel Hill Electronic JH23320240BCNUWNFZCWC Datasheet HTML 8Page - Jewel Hill Electronic JH23320240BCNUWNFZCWC Datasheet HTML 9Page - Jewel Hill Electronic JH23320240BCNUWNFZCWC Datasheet HTML 10Page - Jewel Hill Electronic JH23320240BCNUWNFZCWC Datasheet HTML 11Page - Jewel Hill Electronic JH23320240BCNUWNFZCWC Datasheet HTML 12Page - Jewel Hill Electronic JH23320240BCNUWNFZCWC Datasheet HTML 13Page - Jewel Hill Electronic JH23320240BCNUWNFZCWC Datasheet HTML 14Page - Jewel Hill Electronic Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
JH23320240C
VER: 1.0
- 9 -
Issue date: 2013/08/15
JEWEL HILL ELECTRONIC CO.,LTD.
7.Pin Description
Pin NO.
Symbol
Description
1
LCM-ID
No Connection
2
XL
Touch panel Left side
3
YU
Touch panel Up side
4
XR
Touch panel Right side
5
YD
Touch panel down side
6
GND
Ground
7
IOVCC
Power Supply(1.8-2.8)
8
VCC/VCI
Power Supply
9
FMARK
Output a frame head
pulse signal
10
/CS
Chip select input pin
11
RS(DC)
Data/Command Write Select pin
12
/WR
Write execution control pin
13
/RD
Read execution control pin
14-21
NC
NC
22-29
D8-D15
Data Bus
30
/REST
System Reset Pin
31
GND
Ground
32
LED-A
LED Positive
33
LED-K1
LED Negative
34
LED-K2
LED Negative
35
LED-K3
LED Negative
36
LED-K4
LED Negative
37
NC
No Connection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com