Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JH24240320ACNUNNFZCWC Datasheet(PDF) 14 Page - Jewel Hill Electronic

Part # JH24240320ACNUNNFZCWC
Description  SPECIFICATIONS FOR LCD MODULE
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JHE [Jewel Hill Electronic]
Direct Link  http://www.jhlcd.com
Logo JHE - Jewel Hill Electronic

JH24240320ACNUNNFZCWC Datasheet(HTML) 14 Page - Jewel Hill Electronic

Back Button JH24240320ACNUNNFZCWC Datasheet HTML 10Page - Jewel Hill Electronic JH24240320ACNUNNFZCWC Datasheet HTML 11Page - Jewel Hill Electronic JH24240320ACNUNNFZCWC Datasheet HTML 12Page - Jewel Hill Electronic JH24240320ACNUNNFZCWC Datasheet HTML 13Page - Jewel Hill Electronic JH24240320ACNUNNFZCWC Datasheet HTML 14Page - Jewel Hill Electronic JH24240320ACNUNNFZCWC Datasheet HTML 15Page - Jewel Hill Electronic JH24240320ACNUNNFZCWC Datasheet HTML 16Page - Jewel Hill Electronic JH24240320ACNUNNFZCWC Datasheet HTML 17Page - Jewel Hill Electronic JH24240320ACNUNNFZCWC Datasheet HTML 18Page - Jewel Hill Electronic Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 25 page
background image
JH24240320A
VER: 0.1
- 13 -
Issue date: 2013/08/01
JEWEL HILL ELECTRONIC CO.,LTD.
Write/Read rise/fall time
tWR,wRf
ns
-
-
25
Setup time Write
tAS
ns
0
-
-
Setup time Read
tAS
ns
10
-
-
Address hold time
tAH
ns
2
-
-
Write data setup time
tDSW
ns
25
-
-
Write data hold time
tH
ns
10
-
-
Read data delay time
tDDR
ns
-
-
150
Read data hold time
tDHR
ns
5
-
-
8.3. Reset Operation.
9. RELIABILITY AND INSPECTION STANDARD.
No.
Test Item
Test Conditions
Remark
Storage
70℃, 120Hr
Note
1
High Temperature
Operation
60℃, 120Hr
Note
Storage
-20℃, 120Hr
2
Low Temperature
Operation
-10℃, 120Hr
Note
3
High Temperature and High
Humidity
60℃, 90%RH, 120Hr
Note
Storage
-10℃(1Hr) 25℃(5min) 60℃(1Hr)
32 Cycles
4
Temperature Cycle
Operation
-20℃(1Hr) 25℃(5min) 60℃(1Hr)
25 Cycles
Note
5
Peeling Off (Storage)
500gf/cm
Note
6
FPC Bending Test
6,000 times, 2/sec
Note
7
Vibration Test(Storage)
50HZ, 30min,
Amplitude: 2 cm, X/Y/Z directions
Note
8
Drop Test
60cm/ 3Corner/ 8Face, 1Cycle
Note



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com