Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JH24240320DCNUMNTZCWC Datasheet(PDF) 10 Page - Jewel Hill Electronic

Part # JH24240320DCNUMNTZCWC
Description  SPECIFICATIONS FOR LCD MODULE
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JHE [Jewel Hill Electronic]
Direct Link  http://www.jhlcd.com
Logo JHE - Jewel Hill Electronic

JH24240320DCNUMNTZCWC Datasheet(HTML) 10 Page - Jewel Hill Electronic

Back Button JH24240320DCNUMNTZCWC Datasheet HTML 6Page - Jewel Hill Electronic JH24240320DCNUMNTZCWC Datasheet HTML 7Page - Jewel Hill Electronic JH24240320DCNUMNTZCWC Datasheet HTML 8Page - Jewel Hill Electronic JH24240320DCNUMNTZCWC Datasheet HTML 9Page - Jewel Hill Electronic JH24240320DCNUMNTZCWC Datasheet HTML 10Page - Jewel Hill Electronic JH24240320DCNUMNTZCWC Datasheet HTML 11Page - Jewel Hill Electronic JH24240320DCNUMNTZCWC Datasheet HTML 12Page - Jewel Hill Electronic JH24240320DCNUMNTZCWC Datasheet HTML 13Page - Jewel Hill Electronic JH24240320DCNUMNTZCWC Datasheet HTML 14Page - Jewel Hill Electronic Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
JH24240320D
VER: 1.0
- 9 -
Issue date: 2013/08/12
JEWEL HILL ELECTRONIC CO.,LTD.
7.Pin Description
Pin NO.
Symbol
Description
1
FMARK
Output a frame head pulse signal
2
VCI
Power Supply for analog circuit(2.8V)
3
IOVCC
Power Supply for digital circuit(1.8/2.8V)
4
CS
Chip select input pin
5
RS
Data/Command Write Select pin
6
WR
Write execution control pin
7
RD
Read execution control pin
8
RESET
System Reset Pin
9-24
DB0-D15
Date bus
25
NC
No connection
26
YD
Touch panel down pin
27
XR
Touch panel right pin
28
YU
Touch panel up pin
29
XL
Touch panel left pin
30
LEDA
Anode pin of backlight
31
LEDK1
Cathode pin 1 of backlight
32
LEDK2
Cathode pin 2 of backlight
33
LEDK3
Cathode pin 3 of backlight
34
LEDK4
Cathode pin 4 of backlight
35
GND
Power Ground
36
GND
Power Ground
37
IM0
8bit/16bit select pin
8.Outline Dimension



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com