Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JH24240320ECNUMNFZCWC Datasheet(PDF) 10 Page - Jewel Hill Electronic

Part # JH24240320ECNUMNFZCWC
Description  SPECIFICATIONS FOR LCD MODULE
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JHE [Jewel Hill Electronic]
Direct Link  http://www.jhlcd.com
Logo JHE - Jewel Hill Electronic

JH24240320ECNUMNFZCWC Datasheet(HTML) 10 Page - Jewel Hill Electronic

Back Button JH24240320ECNUMNFZCWC Datasheet HTML 6Page - Jewel Hill Electronic JH24240320ECNUMNFZCWC Datasheet HTML 7Page - Jewel Hill Electronic JH24240320ECNUMNFZCWC Datasheet HTML 8Page - Jewel Hill Electronic JH24240320ECNUMNFZCWC Datasheet HTML 9Page - Jewel Hill Electronic JH24240320ECNUMNFZCWC Datasheet HTML 10Page - Jewel Hill Electronic JH24240320ECNUMNFZCWC Datasheet HTML 11Page - Jewel Hill Electronic JH24240320ECNUMNFZCWC Datasheet HTML 12Page - Jewel Hill Electronic JH24240320ECNUMNFZCWC Datasheet HTML 13Page - Jewel Hill Electronic JH24240320ECNUMNFZCWC Datasheet HTML 14Page - Jewel Hill Electronic Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
JH24240320E
VER: 1.0
- 9 -
Issue date: 2013/08/12
JEWEL HILL ELECTRONIC CO.,LTD.
7.Pin Description
Pin NO. Symbol
Description
1
GND
Power Ground
2
DB0
Date bus
3
DB1
Date bus
4
DB2
Date bus
5
DB3
Date bus
6
DB4
Date bus
7
DB5
Date bus
8
DB6
Date bus
9
DB7
Date bus
10
WR
Write execution control pin
11
RS
Data/Command Write Select pin
12
RD
Read execution control pin
13
RESET
System Reset Pin
14
CS
Chip select input pin
15
IOVCC
Power Supply for digital circuit(1.8/2.8V)
16
VCC
Power Supply for analog circuit(2.8V)
17
GND
Power Ground
18
K4
Cathode4 pin of backlight
19
K3
Cathode3 pin of backlight
20
K2
Cathode2 pin of backlight
21
K1
Cathode1 pin of backlight
22
A
Anode pin of backlight
23
YD(NC)
No connection
24
XR(NC)
No connection
25
YU(NC)
No connection
26
XL(NC)
No connection



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com