Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JH26240320BCNUNNFZCWC Datasheet(PDF) 10 Page - Jewel Hill Electronic

Part # JH26240320BCNUNNFZCWC
Description  SPECIFICATIONS FOR LCD MODULE
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JHE [Jewel Hill Electronic]
Direct Link  http://www.jhlcd.com
Logo JHE - Jewel Hill Electronic

JH26240320BCNUNNFZCWC Datasheet(HTML) 10 Page - Jewel Hill Electronic

Back Button JH26240320BCNUNNFZCWC Datasheet HTML 6Page - Jewel Hill Electronic JH26240320BCNUNNFZCWC Datasheet HTML 7Page - Jewel Hill Electronic JH26240320BCNUNNFZCWC Datasheet HTML 8Page - Jewel Hill Electronic JH26240320BCNUNNFZCWC Datasheet HTML 9Page - Jewel Hill Electronic JH26240320BCNUNNFZCWC Datasheet HTML 10Page - Jewel Hill Electronic JH26240320BCNUNNFZCWC Datasheet HTML 11Page - Jewel Hill Electronic JH26240320BCNUNNFZCWC Datasheet HTML 12Page - Jewel Hill Electronic JH26240320BCNUNNFZCWC Datasheet HTML 13Page - Jewel Hill Electronic JH26240320BCNUNNFZCWC Datasheet HTML 14Page - Jewel Hill Electronic Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
JH26240320B
VER: 1.0
- 9 -
Issue date: 2013/08/12
JEWEL HILL ELECTRONIC CO.,LTD.
7.Pin Description
Pin NO.
Symbol
Description
1-4
DB0-DB3
Data Bus
5
GND
Ground
6
VCC
NC
7
CS
Chip select input pin
8
RS
Data/Command Write Select pin
9
WR
Write execution control pin
10
RD
Read execution control pin
11
IM0
NC
12
XR
Touch panel Right side
13
YD
Touch panel down side
14
XL
Touch panel left side
15
YU
Touch panel up side
16
LED_A
LED+
17
LED_K1
LED-
18
LED_K2
LED-
19
LED_K3
LED-
20
LED_K4
LED-
21
IM3(LEDK5)
NC
22
DB4
Data Bus
23-30
DB8-DB15
Data Bus
31
RESET
System Reset Pin
32
VCC
Power Supply2.8V
33
IOVCC
Power Supply(2.8V/1.8V)
34
GND
Ground
35
DB5
Data Bus
36
DB6
Data Bus
37
DB7
Data Bus



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com