Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JH26240320CCNUMNFZCWC Datasheet(PDF) 10 Page - Jewel Hill Electronic

Part # JH26240320CCNUMNFZCWC
Description  SPECIFICATIONS FOR LCD MODULE
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JHE [Jewel Hill Electronic]
Direct Link  http://www.jhlcd.com
Logo JHE - Jewel Hill Electronic

JH26240320CCNUMNFZCWC Datasheet(HTML) 10 Page - Jewel Hill Electronic

Back Button JH26240320CCNUMNFZCWC Datasheet HTML 6Page - Jewel Hill Electronic JH26240320CCNUMNFZCWC Datasheet HTML 7Page - Jewel Hill Electronic JH26240320CCNUMNFZCWC Datasheet HTML 8Page - Jewel Hill Electronic JH26240320CCNUMNFZCWC Datasheet HTML 9Page - Jewel Hill Electronic JH26240320CCNUMNFZCWC Datasheet HTML 10Page - Jewel Hill Electronic JH26240320CCNUMNFZCWC Datasheet HTML 11Page - Jewel Hill Electronic JH26240320CCNUMNFZCWC Datasheet HTML 12Page - Jewel Hill Electronic JH26240320CCNUMNFZCWC Datasheet HTML 13Page - Jewel Hill Electronic JH26240320CCNUMNFZCWC Datasheet HTML 14Page - Jewel Hill Electronic Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
JH26240320C
VER: 1.0
- 9 -
Issue date: 2013/08/12
JEWEL HILL ELECTRONIC CO.,LTD.
7.Pin Description
Pin NO.
Symbol
Description
1
Y+
No connection
2
X+
No connection
3
Y-
No connection
4
X-
No connection
5
GND
Power Ground
6
IM0
No connection
7
RESET
System Reset Pin
8~15
DB8~DB1
8-Bits date bus
16
GND
Power Ground
17
RD
Read execution control pin
18
WR
Write execution control pin
19
RS
Data/Command Write Select pin
20
CS
Chip select input pin
21
GND
Power Ground
22
IOVCC
Power Supply for digital circuit(1.8/2.8V)
23
VCI
Power Supply for analog circuit(2.8V)
24
GND
Power Ground
25
VCI
Power Supply for analog circuit(2.8V)
26
K4
Cathode4 pin of backlight
27
K3
Cathode3 pin of backlight
28
K2
Cathode2 pin of backlight
29
K1
Cathode1 pin of backlight
30
A
Anode pin of backlight
31
GND
Power Ground
8.Outline Dimension



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com