Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JH28240320BFCNUNNFZCWC Datasheet(PDF) 10 Page - Jewel Hill Electronic

Part # JH28240320BFCNUNNFZCWC
Description  SPECIFICATIONS FOR LCD MODULE
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JHE [Jewel Hill Electronic]
Direct Link  http://www.jhlcd.com
Logo JHE - Jewel Hill Electronic

JH28240320BFCNUNNFZCWC Datasheet(HTML) 10 Page - Jewel Hill Electronic

Back Button JH28240320BFCNUNNFZCWC Datasheet HTML 6Page - Jewel Hill Electronic JH28240320BFCNUNNFZCWC Datasheet HTML 7Page - Jewel Hill Electronic JH28240320BFCNUNNFZCWC Datasheet HTML 8Page - Jewel Hill Electronic JH28240320BFCNUNNFZCWC Datasheet HTML 9Page - Jewel Hill Electronic JH28240320BFCNUNNFZCWC Datasheet HTML 10Page - Jewel Hill Electronic JH28240320BFCNUNNFZCWC Datasheet HTML 11Page - Jewel Hill Electronic JH28240320BFCNUNNFZCWC Datasheet HTML 12Page - Jewel Hill Electronic JH28240320BFCNUNNFZCWC Datasheet HTML 13Page - Jewel Hill Electronic JH28240320BFCNUNNFZCWC Datasheet HTML 14Page - Jewel Hill Electronic Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
JH28240320B
VER: 1.0
- 9 -
Issue date: 2013/08/12
JEWEL HILL ELECTRONIC CO.,LTD.
7.Pin Description
Pin NO.
Symbol
Description
1
GND
GROUND
2
YD
Touch Panel Y-Down
3
XR
Touch Panel X-Right
4
YU
Touch Panel Y-Up
5
XL
Touch Panel X-Left
6
GND
GROUND
7~8
NC
NC
9
LEDK3
LEDK
10
LEDK4
LEDK
11
NC
NC
12
RESET
Reset
13-22
NC
NC
23-30
DB7-DB0
Data Bus
31
RD
Read signal
32
WR
Writer signal
33
RS
Data or command register select signal
34
CS
Chip select signal
35
GND
GROUND
36
IOVCC
Power supply(1.8/2.8v)
37~38
VCC
Power supply(2.8v)
39~40
NC
NC
41~42
LEDK1,LEDK2
LED-K
43
LEDA
LED-A
44
GND
GROUND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com