Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SLE66CL80P Datasheet(PDF) 3 Page - Infineon Technologies AG

Part # SLE66CL80P
Description  Secure Mobile Solutions - Security
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

SLE66CL80P Datasheet(HTML) 3 Page - Infineon Technologies AG

  SLE66CL80P Datasheet HTML 1Page - Infineon Technologies AG SLE66CL80P Datasheet HTML 2Page - Infineon Technologies AG SLE66CL80P Datasheet HTML 3Page - Infineon Technologies AG SLE66CL80P Datasheet HTML 4Page - Infineon Technologies AG SLE66CL80P Datasheet HTML 5Page - Infineon Technologies AG SLE66CL80P Datasheet HTML 6Page - Infineon Technologies AG SLE66CL80P Datasheet HTML 7Page - Infineon Technologies AG SLE66CL80P Datasheet HTML 8Page - Infineon Technologies AG SLE66CL80P Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
µµ
SLE 66CL80P
Short Product Information
3 / 10
2004-04-01
16-Bit High Security Dual Interface Controller
ISO/IEC 7816 and 14443 Type A &B Compliant Interfaces
For Contact and Contactless Operation with MMU in 0.22 µm CMOS Technology
72-Kbyte ROM, 2304-byte RAM, 8-Kbyte EEPROM
112-Bit / 192-Bit DDES-EC2 Accelerator
supporting DES, 3DES and Elliptic Curve GF(2n)
Features
• Enhanced low power 8051 CPU with
extended addressing modes for contact
and contactless smart card applications
• Instruction set opcode compatible with
standard 8051 processor with additional
powerful instructions optimized for smart
card application
• Dedicated, non-standard architecture with
execution time 6 times faster (18 times
using PLLmax) than standard 8051
processor at same external clock
• 70 Kbytes User ROM for operating system
and application (programs & data)
• 2 Kbytes reserved ROM for Resource
Management System (RMS_E) with
Contactless Optimized EEPROM
write/erase routines
• 8 Kbytes Secure EEPROM in SuperSlim
technology for application program and
data
• 2048 bytes XRAM and 256 bytes internal
RAM for fast data processing
• Memory Management Unit
• Certified True Random Number
Generator
• Dual Key Triple DES (DDES) &
GF (2n) Elliptic Curve (EC2) Accelerator
• CRC Module according to ISO/IEC 3309
supporting CCIT v.41 & HDLC X25
• 8 Interrupt Vectors Module with 3 priority
levels to ensure real time operation
• PLL: to speed up the internal CPU clock
frequency up to 15MHz (optional use)
• Two 16-bit Timer with interrupt capability
for protocols, security checks & watch dog
implementations
• Power saving sleep and clock stop modes
• Temperature range:
contact-based: -25°C to +85°C
contact-less: -25°C to +70°C
Full operation either via Contact-based
and/or Contactless interfaces
controlled by Operating System
enhances Security Level
Contact-based Interface
• Contact configuration and serial
interface according to ISO/IEC 7816
• UART handling serial interface compliant
with ISO/IEC 7816 supporting
transmission protocols T=0 and T=1
• Supply voltage range:
5V ± 10% (Class A)
3V ± 10% (Class B)
• Current consumption < 10 mA @ 5.5 V
• External CPU clock frequency:
1 to 7.5 MHz
• Internal CPU clock frequency:
up to 15 MHz
• ESD protection larger than 6 kV
Contactless Interface
• Interface compliant to ISO/IEC 14443 for
both Type A and Type B
• Carrier frequency 13.56 MHz
• Data rate
106 Kbit/s in type A operation
up to 848 Kbit/s in type B operation
• Anticollision & Transmission Protocol
supported by open source application
notes for both Type A & B
• Flexible Internal CPU clock frequency:
from 1.7MHz up to 15 MHz
• 256 bytes buffer for contactless data
exchange (FiFo circular architecture)
• Parallel operation of CPU, Peripherals
like DES, CRC and Contactless Interface
possible



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com