Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JH28240320CFCNUWNFZCWC Datasheet(PDF) 10 Page - Jewel Hill Electronic

Part # JH28240320CFCNUWNFZCWC
Description  SPECIFICATIONS FOR LCD MODULE
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JHE [Jewel Hill Electronic]
Direct Link  http://www.jhlcd.com
Logo JHE - Jewel Hill Electronic

JH28240320CFCNUWNFZCWC Datasheet(HTML) 10 Page - Jewel Hill Electronic

Back Button JH28240320CFCNUWNFZCWC Datasheet HTML 6Page - Jewel Hill Electronic JH28240320CFCNUWNFZCWC Datasheet HTML 7Page - Jewel Hill Electronic JH28240320CFCNUWNFZCWC Datasheet HTML 8Page - Jewel Hill Electronic JH28240320CFCNUWNFZCWC Datasheet HTML 9Page - Jewel Hill Electronic JH28240320CFCNUWNFZCWC Datasheet HTML 10Page - Jewel Hill Electronic JH28240320CFCNUWNFZCWC Datasheet HTML 11Page - Jewel Hill Electronic JH28240320CFCNUWNFZCWC Datasheet HTML 12Page - Jewel Hill Electronic JH28240320CFCNUWNFZCWC Datasheet HTML 13Page - Jewel Hill Electronic JH28240320CFCNUWNFZCWC Datasheet HTML 14Page - Jewel Hill Electronic Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 23 page
background image
JH28240320C
VER: 1.0
- 9 -
Issue date: 2013/08/12
JEWEL HILL ELECTRONIC CO.,LTD.
7.Pin Description
Pin NO.
Symbol
Description
1-4
DB0-DB3
Data Bus
5
GND
Ground
6
NC
NC
7
CS
Chip select input pin
8
RS
Data/Command Write Select pin
9
WR
Write execution control pin
10
RD
Read execution control pin
11
IOVCC
Power Supply(2.8V/1.8V)
12
XL
Touch panel Left side
13
YU
Touch panel Up side
14
XR
Touch panel Right side
15
YD
Touch panel down side
16
LED_A
LED+
17
LED_K1
LED-
18
LED_K2
LED-
19
LED_K3
LED-
20
LED_K4
LED-
21
NC
NC
22
DB4
Data Bus
23-30
DB8-DB15
Data Bus
31
RESET
System Reset Pin
32
VCC
Power Supply2.8V
33
IOVCC
Power Supply(2.8V/1.8V)
34
GND
Ground
35
DB5
Data Bus
36
DB6
Data Bus
37
DB7
Data Bus



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com