Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JH30240400ACNUNNTZCWC Datasheet(PDF) 4 Page - Jewel Hill Electronic

Part # JH30240400ACNUNNTZCWC
Description  SPECIFICATIONS FOR LCD MODULE
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JHE [Jewel Hill Electronic]
Direct Link  http://www.jhlcd.com
Logo JHE - Jewel Hill Electronic

JH30240400ACNUNNTZCWC Datasheet(HTML) 4 Page - Jewel Hill Electronic

  JH30240400ACNUNNTZCWC Datasheet HTML 1Page - Jewel Hill Electronic JH30240400ACNUNNTZCWC Datasheet HTML 2Page - Jewel Hill Electronic JH30240400ACNUNNTZCWC Datasheet HTML 3Page - Jewel Hill Electronic JH30240400ACNUNNTZCWC Datasheet HTML 4Page - Jewel Hill Electronic JH30240400ACNUNNTZCWC Datasheet HTML 5Page - Jewel Hill Electronic JH30240400ACNUNNTZCWC Datasheet HTML 6Page - Jewel Hill Electronic JH30240400ACNUNNTZCWC Datasheet HTML 7Page - Jewel Hill Electronic JH30240400ACNUNNTZCWC Datasheet HTML 8Page - Jewel Hill Electronic JH30240400ACNUNNTZCWC Datasheet HTML 9Page - Jewel Hill Electronic Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 23 page
background image
JH30240400A
VER: 0.1
- 3 -
Issue date: 2013/08/01
JEWEL HILL ELECTRONIC CO.,LTD.
1. GENERAL INFORMATION.
1.1. Description.
The JH30240400A model is a Color TFT LCD .This main Module has a 3.0 inch
diagonally measured active display area with 240(RGB)×400 resolution. Each pixel is
divided into Red, Green and Blue sub-pixels and dots which are arranged in vertical stripes.
The LCD color is determined with 262,000 colors signal for each pixel.
The JH30240400A has been designed to apply the interface method that enables low
power, high speed, and high contrast.
The JH30240400A is intended to support applications where thin thickness, wide
viewing angle and low power are critical factors and graphic displays are important.
1.2. Function&Feaures.
Item
Contents
Unit
LCD type
TFT,Normally White, Transmissive,LCD
/
Viewing direction
6 O”Clock
/
Module area (WxH)
45.04(W) x 77.00(H)x2.60mm
mm
Active area(WxH)
38.88(W)×64.80(H)
mm
Number of Dots
240x(RGB)x400Pixels
dots
Pixel Pitch
0.162x0.162
mm
Pixel Arrangement
RGB Vertical Stripes
Driver IC
R61509V(COG)
/
Backligth Type
LED(White,4pcs LED)
/
Interface Type
18 Bits/16Bits/9Bits/8Bits
/
Input volygae
2.8
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com