Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JH32240400ACNUMNTZCWC Datasheet(PDF) 11 Page - Jewel Hill Electronic

Part # JH32240400ACNUMNTZCWC
Description  SPECIFICATIONS FOR LCD MODULE
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JHE [Jewel Hill Electronic]
Direct Link  http://www.jhlcd.com
Logo JHE - Jewel Hill Electronic

JH32240400ACNUMNTZCWC Datasheet(HTML) 11 Page - Jewel Hill Electronic

Back Button JH32240400ACNUMNTZCWC Datasheet HTML 7Page - Jewel Hill Electronic JH32240400ACNUMNTZCWC Datasheet HTML 8Page - Jewel Hill Electronic JH32240400ACNUMNTZCWC Datasheet HTML 9Page - Jewel Hill Electronic JH32240400ACNUMNTZCWC Datasheet HTML 10Page - Jewel Hill Electronic JH32240400ACNUMNTZCWC Datasheet HTML 11Page - Jewel Hill Electronic JH32240400ACNUMNTZCWC Datasheet HTML 12Page - Jewel Hill Electronic JH32240400ACNUMNTZCWC Datasheet HTML 13Page - Jewel Hill Electronic JH32240400ACNUMNTZCWC Datasheet HTML 14Page - Jewel Hill Electronic JH32240400ACNUMNTZCWC Datasheet HTML 15Page - Jewel Hill Electronic Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 23 page
background image
JH32240400A
VER: 0.1
- 10 -
Issue date: 2013/08/01
JEWEL HILL ELECTRONIC CO.,LTD.
7.INTERFACE DESCRIPTION
Pin NO.
Symbol
Description
1
GND
GND
2
Y-
NC
3
X-
NC
4
Y+
NC
5
X+
NC
6
GND
GND
7
IM0
Mode Select
8
IM1
Mode Select
9
FMARK/NC
NC
10
LEDPWM/NC
NC
11
LCD_ID
NC
12
RESET
RESET pin
13~30
DB17~DB0
Data Bus
31
RD
Read enable clock input pin
32
WR
Write enable clock input pin
33
RS
Command/display data select pin
34
CS
CHIP SELECT PIN
35
GND
GROUND
36
IOVCC
The
power supply 1.8V/2.8V
37
VCC
The
power supply 2.8V
38
NC
NC
39
LEDK4
LED-
40
LEDK3
LED-
41
LEDK2
LED-
42
LEDK1
LED-
43
LEDA
LED+
44
GND
GROUND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com