Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JH32240400BCNUNNTZCWC Datasheet(PDF) 11 Page - Jewel Hill Electronic

Part # JH32240400BCNUNNTZCWC
Description  SPECIFICATIONS FOR LCD MODULE
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JHE [Jewel Hill Electronic]
Direct Link  http://www.jhlcd.com
Logo JHE - Jewel Hill Electronic

JH32240400BCNUNNTZCWC Datasheet(HTML) 11 Page - Jewel Hill Electronic

Back Button JH32240400BCNUNNTZCWC Datasheet HTML 7Page - Jewel Hill Electronic JH32240400BCNUNNTZCWC Datasheet HTML 8Page - Jewel Hill Electronic JH32240400BCNUNNTZCWC Datasheet HTML 9Page - Jewel Hill Electronic JH32240400BCNUNNTZCWC Datasheet HTML 10Page - Jewel Hill Electronic JH32240400BCNUNNTZCWC Datasheet HTML 11Page - Jewel Hill Electronic JH32240400BCNUNNTZCWC Datasheet HTML 12Page - Jewel Hill Electronic JH32240400BCNUNNTZCWC Datasheet HTML 13Page - Jewel Hill Electronic JH32240400BCNUNNTZCWC Datasheet HTML 14Page - Jewel Hill Electronic JH32240400BCNUNNTZCWC Datasheet HTML 15Page - Jewel Hill Electronic Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
JH32240400B
VER: 0.1
- 10 -
Issue date: 2013/08/01
JEWEL HILL ELECTRONIC CO.,LTD.
7.INTERFACE DESCRIPTION
Pin NO.
Symbol
Description
1
GND
GND
2
YD
Touch panel down side (NC)
3
XR
Touch panel Right side(NC)
4
YU
Touch panel Up side(NC)
5
XL
Touch panel Left side(NC)
6
GND
GND
7
IM0
The MPU system interface mode select pin 0
8
IM1
The MPU system interface mode select pin1
9
FMARK
Output a frame head pulse signal
10
LEDPWM
NC
11
ID
NC
12
/REST
System Reset Pin
13~20
DB17~DB10
Data Bus
31
/RD
Read execution control pin
32
/WR
Write execution input pin
33
/RS(DC)
Data/Command/Write select pin
34
/CS
Chip Select pin
35
GND
GND
36
IOVCC
The
power supply (1.8V-2.8V)
37
VCC
Power supply
38
LED-K1
LED Negative
39
LED-K2
LED Negative
40
LED-K3
LED Negative
41
LED-K4
LED Negative
42
LED-K5
LED Negative
43
LEDA
LED positive
44
LED-K6
LED Negative



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com