Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74F280 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # 74F280
Description  9-Bit Parity Generator/Checker
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

74F280 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  74F280 Datasheet HTML 1Page - National Semiconductor (TI) 74F280 Datasheet HTML 2Page - National Semiconductor (TI) 74F280 Datasheet HTML 3Page - National Semiconductor (TI) 74F280 Datasheet HTML 4Page - National Semiconductor (TI) 74F280 Datasheet HTML 5Page - National Semiconductor (TI) 74F280 Datasheet HTML 6Page - National Semiconductor (TI) 74F280 Datasheet HTML 7Page - National Semiconductor (TI) 74F280 Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Unit LoadingFan Out
54F74F
Pin Names
Description
UL
Input IIH IIL
HIGHLOW
Output IOH IOL
I0–I8
Data Inputs
1010
20 mA b06 mA
RO
Odd Parity Output
50333
b
1 mA20 mA
RE
Even Parity Output
50333
b
1 mA20 mA
Truth Table
Number of
Outputs
HIGH Inputs
R Even
R Odd
I0–I8
0 2 4 6 8
H
L
1 3 5 7 9
L
H
H e HIGH Voltage Level
L e LOW Voltage Level
Logic Diagram
TLF9512 – 4
Please note that this diagram is provided only for the understanding of logic operations and should not be used to estimate propagation delays
2



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com