Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CGH40120P Datasheet(PDF) 3 Page - Cree, Inc

Part # CGH40120P
Description  120 W, RF Power GaN HEMT
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

CGH40120P Datasheet(HTML) 3 Page - Cree, Inc

  CGH40120P Datasheet HTML 1Page - Cree, Inc CGH40120P Datasheet HTML 2Page - Cree, Inc CGH40120P Datasheet HTML 3Page - Cree, Inc CGH40120P Datasheet HTML 4Page - Cree, Inc CGH40120P Datasheet HTML 5Page - Cree, Inc CGH40120P Datasheet HTML 6Page - Cree, Inc CGH40120P Datasheet HTML 7Page - Cree, Inc CGH40120P Datasheet HTML 8Page - Cree, Inc CGH40120P Datasheet HTML 9Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
3
CGH40120P Rev 3.0
Cree, Inc.
4600 Silicon Drive
Durham, North Carolina, USA 27703
USA Tel: +1.919.313.5300
Fax: +1.919.869.2733
www.cree.com/rf
Copyright © 2012-2015 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree and the Cree logo are
registered trademarks of Cree, Inc.
Typical Performance
Gain and Input Return Loss vs Frequency measured in
Broadband Amplifier Circuit CGH40120-AMP
V
DD = 28 V, IDQ = 1.0 A
Output Power, Drain Efficiency and PAE vs Frequency measured in
Broadband Amplifier Circuit CGH40120P-AMP
V
DD = 28 V, IDQ = 1.0 A
5
15
25
15
20
25
CGH40120F S21
CGH40120F S11
-25
-15
-5
0
5
10
800
900
1000
1100
1200
1300
1400
1500
1600
1700
1800
Frequency (MHz)
70%
75%
80%
85%
90%
95%
100%
80
100
120
140
160
180
200
Output Power
Drain Efficiency
PAE
50%
55%
60%
65%
70%
0
20
40
60
80
1150
1200
1250
1300
1350
1400
1450
Frequency (MHz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com