Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EL110C Datasheet(PDF) 2 Page - Axiomtek Co., Ltd.

Part # EL110C
Description  10/100BASE-TX to 100BASE-FX Media Converter
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXIOMTEK [Axiomtek Co., Ltd.]
Direct Link  http://www.axiomtek.com/
Logo AXIOMTEK - Axiomtek Co., Ltd.

EL110C Datasheet(HTML) 2 Page - Axiomtek Co., Ltd.

  EL110C Datasheet HTML 1Page - Axiomtek Co., Ltd. EL110C Datasheet HTML 2Page - Axiomtek Co., Ltd. EL110C Datasheet HTML 3Page - Axiomtek Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
EL100 / EL110 Series
www.EtherWAN.com
2
rev. A1.2
Interface
EthernetPort
•10/100BASE-TX: 1 port
•100BASE-FX: 1 port
LEDIndicators
•Per Unit: Power Status (Power)
•Per Port: 10/100TX: Link/Activity, Full-duplex/Collision,
Speed
•Per port 100FX: Link/Activity, Full-duplex/Collision
Environment
OperatingTemperature
•0°C to 45°C (32°F to 113°F)
StorageTemperature
•-10°C to 70°C (14°F to 158°F)
AmbientRelativeHumidity
•5% to 95% (non-condensing)
RegulatoryApprovals
ISO
•Manufactured in an ISO9001 facility
Safety
UL60950-1
EmissionCompliance
CEMarkClassA
FCCPart15BClassA
VCCIClassA
Hardware Specifications
Technology
Standards
•IEEE802.3 10BASE-T
•IEEE802.3u 100BASE-TX/FX
•IEEE802.3x full duplex and flow control
ForwardandFilteringRate
•14,880pps for 10Mbps
•148,810pps for 100Mbps
PacketBufferMemory
•128K bits
ProcessingType
•Store-and-forward
•Half-duplex back-pressure and IEEE802.3x full-duplex
flow control
Power
InputVoltage
•Input: 12VDC
PowerConsumption
•1.92W Max. 0.16A @ 12VDC
Mechanical
Casing
•Aluminum Case
Dimensions
•80.3mm (W) x 109.2mm (D) x 23.8mm (H)
(3.16" (W) x 4.30" (D) x 0.94" (H))
Weight
•150g (0.33lb.)
Installation
•Wall mounting or use with EMC1600 media converter
chassis system
Dimensions
Front (EL100)
Back (EL100)
Back (EL110)
Front (EL110)
Top
Side
109.2mm (4.3”)
23.8mm
(0.94”)



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com