Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EL2321-R1A Datasheet(PDF) 3 Page - Axiomtek Co., Ltd.

Part # EL2321-R1A
Description  Managed 10/100/1000BASE-TX to 100BASE/1000BASE-X Dual Rate Media Converter
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXIOMTEK [Axiomtek Co., Ltd.]
Direct Link  http://www.axiomtek.com/
Logo AXIOMTEK - Axiomtek Co., Ltd.

EL2321-R1A Datasheet(HTML) 3 Page - Axiomtek Co., Ltd.

  EL2321-R1A Datasheet HTML 1Page - Axiomtek Co., Ltd. EL2321-R1A Datasheet HTML 2Page - Axiomtek Co., Ltd. EL2321-R1A Datasheet HTML 3Page - Axiomtek Co., Ltd. EL2321-R1A Datasheet HTML 4Page - Axiomtek Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
EL2321 Series
www.EtherWAN.com
3
rev. A2.1
Application Diagram
EL2321
EL2321
Gigabit Uplink
Uplink
EX78000
CONTROL CENTER
RJ45
RJ45
RJ45
Fiber (120Km)
Dimensions
Top
Bottom
Side
Front
Back
80.3mm (3.16”)
Front (SFP)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com