Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EL2321-R1U Datasheet(PDF) 2 Page - Axiomtek Co., Ltd.

Part # EL2321-R1U
Description  Managed 10/100/1000BASE-TX to 100BASE/1000BASE-X Dual Rate Media Converter
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXIOMTEK [Axiomtek Co., Ltd.]
Direct Link  http://www.axiomtek.com/
Logo AXIOMTEK - Axiomtek Co., Ltd.

EL2321-R1U Datasheet(HTML) 2 Page - Axiomtek Co., Ltd.

  EL2321-R1U Datasheet HTML 1Page - Axiomtek Co., Ltd. EL2321-R1U Datasheet HTML 2Page - Axiomtek Co., Ltd. EL2321-R1U Datasheet HTML 3Page - Axiomtek Co., Ltd. EL2321-R1U Datasheet HTML 4Page - Axiomtek Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
EL2321 Series
www.EtherWAN.com
2
rev. A2.1
Hardware Specifications
Technology
Standards
•IEEE802.3 10BASE-T
•IEEE802.3u 100BASE-TX/100BASE-FX
•IEEE802.3ab 1000BASE-T
•IEEE802.3z 1000BASE-SX/1000BASE-LX
•IEEE802.3x Full duplex and flow control
ForwardandFilteringRate
•14,880pps for 10Mbps
•148,810pps for 100Mbps
•1,488,100pps for 1000Mbps
ProcessingType
•Store-and-Forward
•Auto Negotiation
•Half duplex back-pressure and IEEE802.3x full-duplex flow
control
•Auto-MDI/MDIX
PowerInput
•Input Voltage: 12VDC
PowerConsumption
•3W Max. 0.23A @ 12VDC
Mechanical
Casing
•Metal Case
•IP30
Dimensions
•80.3mm (W) x 109.2mm (D) x 23.8mm (H)
(3.16" (W) x 4.3" (D) x 0.94" (H))
Weight
•150g (0.336lbs.)
Installation
•Wall mounting
Interface
EthernetPort
•10/100/1000BASE-TX: 1 port
•100BASE/1000BASE-SX-LX or 100/1000BASE SFP slot:
1 port
LEDIndicators
•Per Unit: Power Status, OAM loop
•Per Port: TX Speed, Link/Activity, Full-duplex
Environment
OperatingTemperature
•0°C to 50°C (32°F to 121°F)
StorageTemperature
•-20°C to 70°C (-4°F to 158°F)
AmbientRelativeHumidity
•5% to 95% (non-condensing)
RegulatoryApprovals
ISO
•Manufactured in an ISO9001 facility
EmissionCompliances
CEMarkClassA
FCCPart15BClassA
VCCIClassA
Software Features
Management
• Interface
◦ Web Browser
◦ SNMP v1/v2c
• Firmware and configuration upgrade and backup via TFTP
• Supports DHCP Server/Client
Security
• MAC Address by port security
• Enable/disable port
• Storm control (broadcast and multicast types)
• IEEE802.1x LAN access control
• SSL for web security
QualityofService(QoS)
• Priority Queues: 4 queues per port
• Traffic classification based on IEEE802.1p CoS, DSCP, WRR
(Weighted round robin)
• Rate Limiting (Ingress/Egress)
Layer2Features
• Auto-negotiation for port speed and duplex mode
• Flow Control
◦ IEEE802.3x full duplex mode
◦ Back-Pressure half duplex mode
• VLANs
◦ Port-based VLANs
◦ IEEE802.1Q Tag VLANs (4096 VID)
◦ GVRP (GARP VLAN Registration Protocol)
◦ GMRP (GARP Multicast Registration Protocol)
• IGMP Snooping
◦ IGMP snooping v1/v2/v3



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com