Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EX33142-R0B Datasheet(PDF) 1 Page - Axiomtek Co., Ltd.

Part # EX33142-R0B
Description  Industrial Unmanaged 16-port 10/100BASE Ethernet Switch
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXIOMTEK [Axiomtek Co., Ltd.]
Direct Link  http://www.axiomtek.com/
Logo AXIOMTEK - Axiomtek Co., Ltd.

EX33142-R0B Datasheet(HTML) 1 Page - Axiomtek Co., Ltd.

  EX33142-R0B Datasheet HTML 1Page - Axiomtek Co., Ltd. EX33142-R0B Datasheet HTML 2Page - Axiomtek Co., Ltd. EX33142-R0B Datasheet HTML 3Page - Axiomtek Co., Ltd. EX33142-R0B Datasheet HTML 4Page - Axiomtek Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
EX33000 Series
www.EtherWAN.com
1
rev. A3
Overview
EtherWAN’s EX33000 Series is an industrial unmanaged Fast Ethernet switching platform, designed for easy deployment in harsh
environments.
The EX33000 Series is equipped with sixteen Fast Ethernet ports, or a combination of Fast Ethernet copper ports and two
100FX ports for long distance connectivity. Although unmanaged, the EX33000 is feature rich with full wire speed Fast Ethernet
throughput, making the EX33000 Series a powerful network switch.
EtherWAN – "When Connectivity is Crucial."
Spotlight
•IndustrialGrade
◦ Supports -10°C to 60°C (14°F to 140°F) operating temperature
•VersatilemountingOptions
◦ Supports DIN-Rail, panel and rack mounting
•FiberConnectivity
◦ Up to two 100BASE-FX ports with SC, ST and WDM options
EX33000Series
IndustrialUnmanaged16-port10/100BASEEthernetSwitch
UL
508


Similar Part No. - EX33142-R0B

ManufacturerPart #DatasheetDescription
logo
Extech Instruments Corp...
EX330 EXTECH-EX330 Datasheet
302Kb / 1P
Compact MultiMeters Voltage Detector
logo
Juniper Networks, Inc.
EX3300 JUNIPER-EX3300 Datasheet
1Mb / 11P
Entry-Level Access Switch with Virtual Chassis Technology
Oct 2018
EX3300-24P JUNIPER-EX3300-24P Datasheet
1Mb / 11P
Entry-Level Access Switch with Virtual Chassis Technology
Oct 2018
EX3300-24T JUNIPER-EX3300-24T Datasheet
1Mb / 11P
Entry-Level Access Switch with Virtual Chassis Technology
Oct 2018
EX3300-24T-DC JUNIPER-EX3300-24T-DC Datasheet
1Mb / 11P
Entry-Level Access Switch with Virtual Chassis Technology
Oct 2018
More results

Similar Description - EX33142-R0B

ManufacturerPart #DatasheetDescription
logo
Axiomtek Co., Ltd.
EX42000 AXIOMTEK-EX42000 Datasheet
366Kb / 4P
Industrial Unmanaged 5-port 10/100BASE Ethernet Switch
EX34000 AXIOMTEK-EX34000 Datasheet
385Kb / 4P
Industrial Unmanaged 8-port 10/100BASE PoE Ethernet Switch
EX43000 AXIOMTEK-EX43000 Datasheet
380Kb / 4P
Industrial Unmanaged 8-port 10/100BASE Ethernet Switch
EX45000 AXIOMTEK-EX45000 Datasheet
511Kb / 4P
Hardened Unmanaged 8-port 10/100BASE PoE Ethernet Switch
EX49000A AXIOMTEK-EX49000A Datasheet
520Kb / 3P
Hardened Unmanaged 16-port 10/100BASE PoE and 2-port Gigabit Ethernet Switch
EX94000 AXIOMTEK-EX94000 Datasheet
659Kb / 4P
Hardened Unmanaged 8-port 10/100BASE Ethernet Switch
EX95000 AXIOMTEK-EX95000 Datasheet
498Kb / 4P
Hardened Unmanaged 16-port 10/100BASE Ethernet Switch
logo
ORing Industrial Networ...
IES-1142P ORING-IES-1142P Datasheet
824Kb / 3P
Industrial 16-port unmanaged Ethernet switch
IES-1160 ORING-IES-1160 Datasheet
1Mb / 3P
Industrial 16-port unmanaged Ethernet switch
IGS-1082GP ORING-IGS-1082GP Datasheet
303Kb / 4P
Industrial 10-port unmanaged Gigabit Ethernet switch
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com