Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EX45071-R0B Datasheet(PDF) 2 Page - Axiomtek Co., Ltd.

Part # EX45071-R0B
Description  Hardened Unmanaged 8-port 10/100BASE PoE Ethernet Switch
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXIOMTEK [Axiomtek Co., Ltd.]
Direct Link  http://www.axiomtek.com/
Logo AXIOMTEK - Axiomtek Co., Ltd.

EX45071-R0B Datasheet(HTML) 2 Page - Axiomtek Co., Ltd.

  EX45071-R0B Datasheet HTML 1Page - Axiomtek Co., Ltd. EX45071-R0B Datasheet HTML 2Page - Axiomtek Co., Ltd. EX45071-R0B Datasheet HTML 3Page - Axiomtek Co., Ltd. EX45071-R0B Datasheet HTML 4Page - Axiomtek Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
EX45000 Series
www.EtherWAN.com
2
rev. A2
Interface
EthernetPorts
•10/100BASE-TX: 8, 7 or 6 ports
•100BASE-FX: 0, 1 or 2 ports
LEDIndicators
•Per Unit: Power 1 (Green)
Power 2 (Green)
Power 3 (Green)
•Per Port: Link/Activity (Green)
AlarmContact
•One relay output with current 1A @ 24VDC
Environment
OperatingTemperature
•-40°C to 75°C (-40°F to 167°F)
Tested @ -40°C to 85°C (-40°F to 185°F)
StorageTemperature
•-40°C to 85°C (-40°F to 185°F)
AmbientRelativeHumidity
•5% to 95% (non-condensing)
RegulatoryApprovals
ISO
•Manufactured in an ISO9001 facility
EMI
FCCPart15B,ClassA
VCCIClassA
EN61000-6-4
EN55022ClassA
EMS
EN61000-6-2
•EN61000-4-2 (ESD Standards)
•EN61000-4-3 (Radiated RFI Standards)
•EN61000-4-4 (Burst Standards)
•EN61000-4-5 (Surge Standards)
•EN61000-4-6 (Induced RFI Standards)
•EN61000-4-8 (Magnetic Field Standards)
EnvironmentalTestCompliances
IEC60068-2-6Fc(Vibration)
IEC60068-2-27Ea(Shock)
FEDSTD101CMethod5007.1(Freefallw/package)
IndustrialCompliances
NEMATS2
Hardware Specifications
Technology
Standards
•IEEE802.3 10BASE-T
•IEEE802.3u 100BASE-TX/100BASE-FX
•IEEE802.3x Full duplex and flow control
•IEEE802.3af Power over Ethernet
ForwardandFilteringRate
•14,880pps for 10Mbps
•148,810pps for 100Mbps
PacketBufferMemory
•1M bits
ProcessingType
•Store-and-Forward
•Auto Negotiation
•Half-duplex back-pressure and IEEE802.3x full-duplex flow
control
•Auto MDI/MDIX
AddressTableSize
•1024 MAC addresses
Power
Input
•Redundant power inputs:
Terminal Block: 47 - 55VDC
DC Jack: 47 - 55VDC
PowerConsumption
•Device: Max. 10W (without PoE)
•PoE power budget (depends on power input):
61.6W Max.
PoEPowerOutput
•Port 1 to 4
•IEEE802.3af: up to 15.4W/port, 47 - 55VDC, 350mA Max.
Protection
•Reverse polarity protection
Mechanical
Casing
•Aluminum case
•IP30
Dimensions
•68mm (W) x 110mm (D) x 135mm (H)
(2.68" (W) x 4.33" (D) x 5.31" (H))
Weight
•1Kg (2.2lbs.)
Installation
•DIN-Rail (Top hat type 35mm), Panel, or Rack mounting



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com