Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EX34062-R0B Datasheet(PDF) 1 Page - Axiomtek Co., Ltd.

Part # EX34062-R0B
Description  Industrial Unmanaged 8-port 10/100BASE PoE Ethernet Switch
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXIOMTEK [Axiomtek Co., Ltd.]
Direct Link  http://www.axiomtek.com/
Logo AXIOMTEK - Axiomtek Co., Ltd.

EX34062-R0B Datasheet(HTML) 1 Page - Axiomtek Co., Ltd.

  EX34062-R0B Datasheet HTML 1Page - Axiomtek Co., Ltd. EX34062-R0B Datasheet HTML 2Page - Axiomtek Co., Ltd. EX34062-R0B Datasheet HTML 3Page - Axiomtek Co., Ltd. EX34062-R0B Datasheet HTML 4Page - Axiomtek Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
EX34000 Series
www.EtherWAN.com
1
rev. A3
Overview
EtherWAN's EX34000 Series provides an industrial 8-port switching platform supporting IEEE802.3af Power over Ethernet, high
performance switching with robust features required for mission-critical and harsh environments where sustained connectivity is
crucial.
The EX34000 Series is equipped with 4 10/100BASE-TX PoE ports, in combination with two 100FX Fiber options.
The IEEE802.3af PoE ports provide up to 15.4W/port with a total power budget of 61.6W, making the switch truly versatile for
connecting with PoE Powered Devices (PD) with different bandwidth and power consumption requirements.
EtherWAN–"When Connectivity is Crucial."
Spotlight
•IndustrialGrade
◦ Supports -10°C to 60°C (14°F to 140°F) operating temperature
•PoEConnectivity
◦ Port 1 to 4 supports IEEE802.3af Power over Ethernet
•FiberConnectivity
◦ Up to two 100BASE-FX ports with SC and ST options
EX34000Series
IndustrialUnmanaged8-port10/100BASEPoE(4xPoE)
EthernetSwitch
15W
PoE


Similar Part No. - EX34062-R0B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EX3400 ETC2-EX3400 Datasheet
562Kb / 12P
EX3400 ETHERNET SWITCH
logo
Juniper Networks, Inc.
EX3400 JUNIPER-EX3400 Datasheet
736Kb / 13P
EX3400 ETHERNET SWITCH
logo
List of Unclassifed Man...
EX3400-24P ETC2-EX3400-24P Datasheet
562Kb / 12P
EX3400 ETHERNET SWITCH
logo
Juniper Networks, Inc.
EX3400-24P JUNIPER-EX3400-24P Datasheet
736Kb / 13P
EX3400 ETHERNET SWITCH
EX3400-24P-TAA JUNIPER-EX3400-24P-TAA Datasheet
736Kb / 13P
EX3400 ETHERNET SWITCH
More results

Similar Description - EX34062-R0B

ManufacturerPart #DatasheetDescription
logo
Axiomtek Co., Ltd.
EX17008A AXIOMTEK-EX17008A Datasheet
306Kb / 2P
Unmanaged 8-port 10/100BASE-TX PoE Ethernet Switch
EX42000 AXIOMTEK-EX42000 Datasheet
366Kb / 4P
Industrial Unmanaged 5-port 10/100BASE Ethernet Switch
EX33000 AXIOMTEK-EX33000 Datasheet
407Kb / 4P
Industrial Unmanaged 16-port 10/100BASE Ethernet Switch
EX43000 AXIOMTEK-EX43000 Datasheet
380Kb / 4P
Industrial Unmanaged 8-port 10/100BASE Ethernet Switch
EX45000 AXIOMTEK-EX45000 Datasheet
511Kb / 4P
Hardened Unmanaged 8-port 10/100BASE PoE Ethernet Switch
EX94000 AXIOMTEK-EX94000 Datasheet
659Kb / 4P
Hardened Unmanaged 8-port 10/100BASE Ethernet Switch
logo
ORing Industrial Networ...
IGPS-1080-24V ORING-IGPS-1080-24V Datasheet
1Mb / 3P
Industrial 8-port unmanaged Gigabit PoE Ethernet switch
IGPS-1080-24V-I ORING-IGPS-1080-24V-I Datasheet
624Kb / 5P
Industrial 8-port unmanaged Gigabit PoE Ethernet switch
IGPS-1082GP ORING-IGPS-1082GP Datasheet
319Kb / 5P
Industrial 10-port unmanaged Gigabit PoE Ethernet switch
IPS-1080-24V ORING-IPS-1080-24V Datasheet
1,019Kb / 3P
Industrial 8-port unmanaged PoE Ethernet switch
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com