Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EX45062-R0B Datasheet(PDF) 1 Page - Axiomtek Co., Ltd.

Part # EX45062-R0B
Description  Hardened Unmanaged 8-port 10/100BASE PoE Ethernet Switch
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXIOMTEK [Axiomtek Co., Ltd.]
Direct Link  http://www.axiomtek.com/
Logo AXIOMTEK - Axiomtek Co., Ltd.

EX45062-R0B Datasheet(HTML) 1 Page - Axiomtek Co., Ltd.

  EX45062-R0B Datasheet HTML 1Page - Axiomtek Co., Ltd. EX45062-R0B Datasheet HTML 2Page - Axiomtek Co., Ltd. EX45062-R0B Datasheet HTML 3Page - Axiomtek Co., Ltd. EX45062-R0B Datasheet HTML 4Page - Axiomtek Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
EX45000 Series
www.EtherWAN.com
1
rev. A2
Overview
EtherWAN's EX45000 Series provides a hardened 8-port switching platform supporting IEEE802.3af Power over Ethernet, high
performance switching with robust features required for mission-critical and harsh environments where sustained connectivity is
crucial.
The EX45000 Series is equipped with 4 10/100BASE-TX PoE ports, in combination with two 100FX Fiber options.
The IEEE802.3af PoE ports provide up to 15.4W/port with a total power budget of 61.6W, making the switch truly versatile for
connecting with PoE Powered Devices (PD) with different bandwidth and power consumption requirements.
The EX45000 Series is designed to operate at -40°C to 75°C in harsh environments, where high ESD, shock, and vibration may be
present.
EtherWAN — "When Connectivity is Crucial."
Spotlight
•HardenedGrade
◦ Supports -40°C to 75°C (-40°F to 167°F) operating temperature
•PoEConnectivity
◦ Port 1 to 4 supports IEEE802.3af Power over Ethernet
•FiberConnectivity
◦ Up to two 100BASE-FX ports with SC and ST options
EX45000Series
HardenedUnmanaged8-port10/100BASEPoE(4xPoE)
EthernetSwitch
15W
PoE
NEMA
TS2


Similar Part No. - EX45062-R0B

ManufacturerPart #DatasheetDescription
logo
Extech Instruments Corp...
EX450 EXTECH-EX450 Datasheet
352Kb / 1P
Rugged design with built-in IR Thermometer
EX450-NISTL EXTECH-EX450-NISTL Datasheet
352Kb / 1P
Rugged design with built-in IR Thermometer
More results

Similar Description - EX45062-R0B

ManufacturerPart #DatasheetDescription
logo
Axiomtek Co., Ltd.
EX17008A AXIOMTEK-EX17008A Datasheet
306Kb / 2P
Unmanaged 8-port 10/100BASE-TX PoE Ethernet Switch
EX34000 AXIOMTEK-EX34000 Datasheet
385Kb / 4P
Industrial Unmanaged 8-port 10/100BASE PoE Ethernet Switch
EX43000 AXIOMTEK-EX43000 Datasheet
380Kb / 4P
Industrial Unmanaged 8-port 10/100BASE Ethernet Switch
EX47000 AXIOMTEK-EX47000 Datasheet
657Kb / 4P
IEC61850-3/IEEE1613 Hardened Unmanaged 8-port 10/100BASE Ethernet Switch
EX49000A AXIOMTEK-EX49000A Datasheet
520Kb / 3P
Hardened Unmanaged 16-port 10/100BASE PoE and 2-port Gigabit Ethernet Switch
EX94000 AXIOMTEK-EX94000 Datasheet
659Kb / 4P
Hardened Unmanaged 8-port 10/100BASE Ethernet Switch
EX95000 AXIOMTEK-EX95000 Datasheet
498Kb / 4P
Hardened Unmanaged 16-port 10/100BASE Ethernet Switch
logo
List of Unclassifed Man...
ER52000 ETC2-ER52000 Datasheet
611Kb / 4P
Hardened Unmanaged 8-port 10/100BASE M12 (8 PoE)
logo
ORing Industrial Networ...
TPS-1080-M12 ORING-TPS-1080-M12 Datasheet
914Kb / 4P
8-port unmanaged PoE Ethernet switch
TPS-1080-M12-BP2 ORING-TPS-1080-M12-BP2 Datasheet
914Kb / 4P
8-port unmanaged PoE Ethernet switch
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com