Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EX71610-R0B Datasheet(PDF) 4 Page - Axiomtek Co., Ltd.

Part # EX71610-R0B
Description  Hardened Managed 8-port 10/100BASE and 2-port Gigabit Ethernet Switch with SFP options
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXIOMTEK [Axiomtek Co., Ltd.]
Direct Link  http://www.axiomtek.com/
Logo AXIOMTEK - Axiomtek Co., Ltd.

EX71610-R0B Datasheet(HTML) 4 Page - Axiomtek Co., Ltd.

  EX71610-R0B Datasheet HTML 1Page - Axiomtek Co., Ltd. EX71610-R0B Datasheet HTML 2Page - Axiomtek Co., Ltd. EX71610-R0B Datasheet HTML 3Page - Axiomtek Co., Ltd. EX71610-R0B Datasheet HTML 4Page - Axiomtek Co., Ltd. EX71610-R0B Datasheet HTML 5Page - Axiomtek Co., Ltd. EX71610-R0B Datasheet HTML 6Page - Axiomtek Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
EX71000 Series
www.EtherWAN.com
4
rev. A2
Application Diagram
Alpha-Ring < 15ms
PLC
EX61000A
EX61000A
EX61000A
EX61000A
PLC
Fire Detecon System
Exhaust Control System
Exhaust Control System
Speed Display
IP Camera System
Emergency Phone
Dimensions
Back
Side
Bottom
Top
Front
125mm (4.92”)
60mm (2.36”)
EX71000
EX71000
EX71000
EX71000
The EX71000 utilized in an intelligent tunnel solution



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com