Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EX63320-R0B Datasheet(PDF) 6 Page - Axiomtek Co., Ltd.

Part # EX63320-R0B
Description  Industrial Managed 16-port 10/100BASE with 2-port Gigabit combo Ethernet Switch
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXIOMTEK [Axiomtek Co., Ltd.]
Direct Link  http://www.axiomtek.com/
Logo AXIOMTEK - Axiomtek Co., Ltd.

EX63320-R0B Datasheet(HTML) 6 Page - Axiomtek Co., Ltd.

  EX63320-R0B Datasheet HTML 1Page - Axiomtek Co., Ltd. EX63320-R0B Datasheet HTML 2Page - Axiomtek Co., Ltd. EX63320-R0B Datasheet HTML 3Page - Axiomtek Co., Ltd. EX63320-R0B Datasheet HTML 4Page - Axiomtek Co., Ltd. EX63320-R0B Datasheet HTML 5Page - Axiomtek Co., Ltd. EX63320-R0B Datasheet HTML 6Page - Axiomtek Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
EX63000 Series
www.EtherWAN.com
6
rev. A2
Ordering Information - continued
GigabitPortOptions(Y)
1
10/100/1000BASE-TX (No Gigabit Fiber port supported)
3
Combo port: 10/100/1000BASE-TX with 1000BASE-SX (SC) - 550m
4
Combo port: 10/100/1000BASE-TX with 1000BASE-SX (SC) - 2Km
5
Combo port: 10/100/1000BASE-TX with 1000BASE-SX (ST) - 550m
A
Combo port: 10/100/1000BASE-TX with 1000BASE-LX (SC) - 10Km
B
Combo port: 10/100/1000BASE-TX with 1000BASE-LX (SC) - 20Km
R
Combo port: 10/100/1000BASE-TX with 1000BASE-BX (SC) WDM-TX:1310nm/RX:1550nm - 20Km
S
Combo port : 10/100/1000BASE-TX with 1000BASE-LX (SC)
WDM-TX:1550nm/RX: 1310nm - 20Km
OptionalAccessories
KP-AA96-480
Panel Mounting Kits
DR-30-24
30W/1.5A DIN-Rail 24VDC Industrial Power Supply (for Terminal Block)
DR-60--24
60W/2.5A DIN-Rail 24VDC Industrial Power Supply (for Terminal Block)
DR-120-24
120W/5A DIN-Rail 24VDC Industrial Power Supply (for Terminal Block)
41-136046-X
36W/3A 12VDC hardened power adapter with open wire in aluminum housing (for Terminal Block);
(X) = 1: US, 2: EU, 3: UK, 4: AU, 5: JP, 6: SA
41-136044-X
36W/3A 12VDC hardened power adapter with latched DC Jack in aluminum housing (for DC Jack);
(X) = 1: US, 2: EU, 3: UK, 4: AU, 5: JP, 6: SA



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com