Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EX95151-R0B Datasheet(PDF) 1 Page - Axiomtek Co., Ltd.

Part # EX95151-R0B
Description  Hardened Unmanaged 16-port 10/100BASE Ethernet Switch
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXIOMTEK [Axiomtek Co., Ltd.]
Direct Link  http://www.axiomtek.com/
Logo AXIOMTEK - Axiomtek Co., Ltd.

EX95151-R0B Datasheet(HTML) 1 Page - Axiomtek Co., Ltd.

  EX95151-R0B Datasheet HTML 1Page - Axiomtek Co., Ltd. EX95151-R0B Datasheet HTML 2Page - Axiomtek Co., Ltd. EX95151-R0B Datasheet HTML 3Page - Axiomtek Co., Ltd. EX95151-R0B Datasheet HTML 4Page - Axiomtek Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
EX95000 Series
www.EtherWAN.com
1
rev. A2
Overview
EtherWAN’s EX95000 Series is a hardened unmanaged Fast Ethernet switching platform, designed for easy deployment in harsh
environments.
The EX95000 Series is equipped with sixteen Fast Ethernet ports, or a combination of Fast Ethernet copper ports and two
100FX ports for long distance connectivity. Although unmanaged, the EX95000 is feature-rich with full wire speed Fast Ethernet
throughput, making the EX95000 Series a powerful network switch.
EtherWAN – "When Connectivity is Crucial."
Spotlight
•HardenedGrade
◦ Supports -40°C to 75°C (-40°F to 167°F) operating temperature
•VersatilemountingOptions
◦ DIN-Rail, panel or rack mounting
•FiberConnectivity
◦ Up to two 100BASE-FX ports with SC, ST and WDM options
EX95000Series
HardenedUnmanaged16-port10/100BASEEthernetSwitch
UL
508
NEMA
TS2


Similar Part No. - EX95151-R0B

ManufacturerPart #DatasheetDescription
logo
Extech Instruments Corp...
EX900 EXTECH-EX900 Datasheet
140Kb / 1P
ExStik짰 4-in-1 Water Quality Meter Kits
logo
Juniper Networks, Inc.
EX9200 JUNIPER-EX9200 Datasheet
1Mb / 14P
Ethernet Switch
Apr 2016
EX9200 JUNIPER-EX9200 Datasheet
1Mb / 14P
Ethernet Switch
May 2016
EX9200-2C-8XS JUNIPER-EX9200-2C-8XS Datasheet
1Mb / 14P
Ethernet Switch
Apr 2016
EX9200-32XS JUNIPER-EX9200-32XS Datasheet
1Mb / 14P
Ethernet Switch
Apr 2016
More results

Similar Description - EX95151-R0B

ManufacturerPart #DatasheetDescription
logo
Axiomtek Co., Ltd.
EX17008A AXIOMTEK-EX17008A Datasheet
306Kb / 2P
Unmanaged 8-port 10/100BASE-TX PoE Ethernet Switch
EX42000 AXIOMTEK-EX42000 Datasheet
366Kb / 4P
Industrial Unmanaged 5-port 10/100BASE Ethernet Switch
EX33000 AXIOMTEK-EX33000 Datasheet
407Kb / 4P
Industrial Unmanaged 16-port 10/100BASE Ethernet Switch
EX34000 AXIOMTEK-EX34000 Datasheet
385Kb / 4P
Industrial Unmanaged 8-port 10/100BASE PoE Ethernet Switch
EX43000 AXIOMTEK-EX43000 Datasheet
380Kb / 4P
Industrial Unmanaged 8-port 10/100BASE Ethernet Switch
EX45000 AXIOMTEK-EX45000 Datasheet
511Kb / 4P
Hardened Unmanaged 8-port 10/100BASE PoE Ethernet Switch
EX47000 AXIOMTEK-EX47000 Datasheet
657Kb / 4P
IEC61850-3/IEEE1613 Hardened Unmanaged 8-port 10/100BASE Ethernet Switch
EX49000A AXIOMTEK-EX49000A Datasheet
520Kb / 3P
Hardened Unmanaged 16-port 10/100BASE PoE and 2-port Gigabit Ethernet Switch
EX73000 AXIOMTEK-EX73000 Datasheet
789Kb / 6P
Hardened Managed 16-port 10/100BASE with 2-port Gigabit combo Ethernet Switch
EX94000 AXIOMTEK-EX94000 Datasheet
659Kb / 4P
Hardened Unmanaged 8-port 10/100BASE Ethernet Switch
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com