Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74F299 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # 74F299
Description  Octal Universal Shift/Storage Register with Common Parallel I/O Pins
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

74F299 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  74F299 Datasheet HTML 1Page - National Semiconductor (TI) 74F299 Datasheet HTML 2Page - National Semiconductor (TI) 74F299 Datasheet HTML 3Page - National Semiconductor (TI) 74F299 Datasheet HTML 4Page - National Semiconductor (TI) 74F299 Datasheet HTML 5Page - National Semiconductor (TI) 74F299 Datasheet HTML 6Page - National Semiconductor (TI) 74F299 Datasheet HTML 7Page - National Semiconductor (TI) 74F299 Datasheet HTML 8Page - National Semiconductor (TI) 74F299 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
TLF9515
May 1995
54F74F299 Octal Universal ShiftStorage Register
with Common Parallel IO Pins
General Description
The ’F299 is an 8-bit universal shiftstorage register with
TRI-STATE
outputs Four modes of operation are possi-
ble hold (store) shift left shift right and load data The par-
allel load inputs and flip-flop outputs are multiplexed to re-
duce the total number of package pins Additional outputs
Q0–Q7 are provided to allow easy serial cascading A sep-
arate active LOW Master Reset is used to reset the register
Features
Y
Common parallel IO for reduced pin count
Y
Additional serial inputs and outputs for expansion
Y
Four operating modes shift left shift right load and
store
Y
TRI-STATE outputs for bus-oriented applications
Y
Guaranteed 4000V minimum ESD protection
Commercial
Military
Package
Package Description
Number
74F299PC
N20A
20-Lead (0300 Wide) Molded Dual-In-Line
54F299DM (Note 2)
J20A
20-Lead Ceramic Dual-In-Line
74F299SC (Note 1)
M20B
20-Lead (0300 Wide) Molded Small Outline JEDEC
74F299SJ (Note 1)
M20D
20-Lead (0300 Wide) Molded Small Outline EIAJ
54F299FM (Note 2)
W20A
20-Lead Cerpack
54F299LM (Note 2)
E20A
20-Lead Ceramic Leadless Chip Carrier Type C
Note 1
Devices also available in 13
reel Use suffix e SCX and SJX
Note 2
Military grade device with environmental and burn-in processing Use suffix e DMQB FMQB and LMQB
Logic Symbols
TLF9515 – 1
IEEEIEC
TLF9515 – 4
TRI-STATE
is a registered trademark of National Semiconductor Corporation
C1995 National Semiconductor Corporation
RRD-B30M75Printed in U S A


Similar Part No. - 74F299

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
74F299 PHILIPS-74F299 Datasheet
120Kb / 14P
8-bit universal shift/storage register 3-State
1990 Mar 01
logo
Fairchild Semiconductor
74F299 FAIRCHILD-74F299 Datasheet
70Kb / 6P
Octal Universal Shift/Storage Register with Common Parallel I/O Pins
74F299PC FAIRCHILD-74F299PC Datasheet
70Kb / 6P
Octal Universal Shift/Storage Register with Common Parallel I/O Pins
74F299SC FAIRCHILD-74F299SC Datasheet
70Kb / 6P
Octal Universal Shift/Storage Register with Common Parallel I/O Pins
74F299SJ FAIRCHILD-74F299SJ Datasheet
70Kb / 6P
Octal Universal Shift/Storage Register with Common Parallel I/O Pins
More results

Similar Description - 74F299

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
54AC299 NSC-54AC299 Datasheet
221Kb / 10P
8-Input Universal Shift/Storage Register with Common Parallel I/O Pins
DM54LS299 NSC-DM54LS299 Datasheet
167Kb / 8P
8-Input Universal Shift/Storage Register with Common Parallel I/O Pins
logo
ON Semiconductor
MC74AC299 ONSEMI-MC74AC299 Datasheet
257Kb / 11P
8?묲nput Universal Shift/Storage Register with Common Parallel I/O Pins
June, 2006 ??Rev. 8
logo
Texas Instruments
CD54-74AC299 TI-CD54-74AC299 Datasheet
281Kb / 13P
8-INPUT UNIVERSAL SHIFT/STORAGE REGISTER WITH COMMON PARALLEL I/O PINS
logo
Fairchild Semiconductor
74F299 FAIRCHILD-74F299 Datasheet
70Kb / 6P
Octal Universal Shift/Storage Register with Common Parallel I/O Pins
74F323 FAIRCHILD-74F323 Datasheet
62Kb / 6P
Octal Universal Shift/Storage Register with Synchronous Reset and Common I/O Pins
logo
Intersil Corporation
CD54ACT299 INTERSIL-CD54ACT299 Datasheet
17Kb / 2P
8-Input Universal Shift/Storage Registers with Common Parallel I/O Pins
June 1997
logo
ON Semiconductor
MC74ACT299 ONSEMI-MC74ACT299 Datasheet
117Kb / 12P
8-Input Universal Shift/ Storage Register with Common Parallel I/O Pins
April, 2003 ??Rev. 6
logo
Motorola, Inc
MC74F299 MOTOROLA-MC74F299 Datasheet
172Kb / 5P
8-INPUT UNIVERSAL SHIFT/STORAGE REGISTER WITH COMMON PARALLEL I/O PINS
logo
Fairchild Semiconductor
74AC299MTCX FAIRCHILD-74AC299MTCX Datasheet
495Kb / 14P
8-Input Universal Shift/Storage Register with Common Parallel I/O Pins
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com