Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

74F322 Datasheet(PDF) 6 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # 74F322
Description  Octal Serial/Parallel Register with Sign Extend
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

74F322 Datasheet(HTML) 6 Page - National Semiconductor (TI)

Back Button 74F322 Datasheet HTML 2Page - National Semiconductor (TI) 74F322 Datasheet HTML 3Page - National Semiconductor (TI) 74F322 Datasheet HTML 4Page - National Semiconductor (TI) 74F322 Datasheet HTML 5Page - National Semiconductor (TI) 74F322 Datasheet HTML 6Page - National Semiconductor (TI) 74F322 Datasheet HTML 7Page - National Semiconductor (TI) 74F322 Datasheet HTML 8Page - National Semiconductor (TI) 74F322 Datasheet HTML 9Page - National Semiconductor (TI) 74F322 Datasheet HTML 10Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
AC Electrical Characteristics
74F
54F
74F
TA ea25 C
TA VCC e Mil
TA VCC e Com
Symbol
Parameter
VCC ea50V
CL e 50 pF
CL e 50 pF
Units
CL e 50 pF
Min
Typ
Max
Min
Max
Min
Max
fmax
Maximum Clock Frequency
70
90
50
70
MHz
tPLH
Propagation Delay
35
70
75
35
95
35
85
tPHL
CP to IOn
50
85
110
35
100
50
120
ns
tPLH
Propagation Delay
35
70
90
35
110
35
100
tPHL
CP to Q0
35
70
80
35
100
35
90
tPHL
Propagation Delay
60
100
130
60
150
60
140
ns
MR to IOn
tPHL
Propagation Delay
55
75
120
55
140
55
130
ns
MR to Q0
tPZH
Output Enable Time
30
65
90
30
125
30
100
tPZL
OE to IOn
40
85
110
40
145
40
120
ns
tPHZ
Output Disable Time
20
45
60
20
80
20
70
tPLZ
OE to IOn
20
50
70
20
100
20
80
tPZH
Output Enable Time
45
80
105
45
135
45
115
tPZL
SP to IOn
55
100
140
55
170
55
150
ns
tPHZ
Output Disable Time
50
90
115
50
165
50
125
tPLZ
SP to IOn
60
120
155
60
195
60
165
AC Operating Requirements
74F
54F
74F
Symbol
Parameter
TA ea25 C
TA VCC e Mil
TA VCC e Com
Units
VCC ea50V
Min
Max
Min
Max
Min
Max
ts(H)
Setup Time HIGH or LOW
60
140
70
ns
ts(L)
RE to CP
140
180
160
th(H)
Hold Time HIGH or LOW
0
0
0
ns
th(L)
RE to CP
0
0
0
ts(H)
Setup Time HIGH or LOW
65
85
75
ns
ts(L)
D0 D1 or IOn to CP
65
85
75
th(H)
Hold Time HIGH or LOW
20
30
30
ns
th(L)
D0 D1 or IOn to CP
20
30
30
ts(H)
Setup Time HIGH or LOW
70
90
80
ns
ts(L)
SE to CP
25
110
35
th(H)
Hold Time HIGH or LOW
20
20
20
ns
th(L)
SE to CP
00
10
00
ts(H)
Setup Time HIGH or LOW
110
130
120
ns
ts(L)
SP to CP
135
210
155
ts(H)
Setup Time HIGH or LOW
65
85
75
ns
ts(L)
S to CP
90
110
100
th(H)
Hold Time HIGH or LOW
0
10
0
ns
th(L)
S or SP to CP
0
0
0
tw(H)
CP Pulse Width HIGH or LOW
70
80
70
ns
tw(L)
tw(L)
MR Pulse Width LOW
55
75
65
trec
Recovery Time
80
120
80
ns
MR to CP
6



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com