Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EX76321-R1TT Datasheet(PDF) 6 Page - Axiomtek Co., Ltd.

Part # EX76321-R1TT
Description  Hardened Managed 16-port 10/100BASE PoE with 2-port Gigabit combo Ethernet Switch
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXIOMTEK [Axiomtek Co., Ltd.]
Direct Link  http://www.axiomtek.com/
Logo AXIOMTEK - Axiomtek Co., Ltd.

EX76321-R1TT Datasheet(HTML) 6 Page - Axiomtek Co., Ltd.

  EX76321-R1TT Datasheet HTML 1Page - Axiomtek Co., Ltd. EX76321-R1TT Datasheet HTML 2Page - Axiomtek Co., Ltd. EX76321-R1TT Datasheet HTML 3Page - Axiomtek Co., Ltd. EX76321-R1TT Datasheet HTML 4Page - Axiomtek Co., Ltd. EX76321-R1TT Datasheet HTML 5Page - Axiomtek Co., Ltd. EX76321-R1TT Datasheet HTML 6Page - Axiomtek Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
EX76000 Series
www.EtherWAN.com
4
rev. A4
Ordering Information - continued
GigabitPortOptions(Y)
1
10/100/1000BASE-TX (No Gigabit Fiber port supported)
3
Combo port: 10/100/1000BASE-TX with 1000BASE-SX(SC) - 550m
4
Combo port: 10/100/1000BASE-TX with 1000BASE-SX (SC) - 2Km
5
Combo port: 10/100/1000BASE-TX with 1000BASE-SX (ST) - 550m
A
Combo port: 10/100/1000BASE-TX with 1000BASE-LX (SC) - 10Km
B
Combo port: 10/100/1000BASE-TX with 1000BASE-LX (SC) - 20Km
R
Combo port: 10/100/1000BASE-TX with 1000BASE-BX (SC) WDM-TX:1310nm/RX:1550nm - 20Km
S
Combo port: 10/100/1000BASE-TX with 1000BASE-BX (SC) WDM-TX:1550nm/RX:1310nm - 20Km
* More Gigabit options also available upon request.
PoEType(P)
T
16 ports of IEEE802.3at
* If no alphabet specified, the model has 16 ports of IEEE802.3af
OptionalAccessories
DR-120-48
120W/2.5A DIN-Rail 48VDC industrial power supply
SDR-240-48
240W/5A DIN-rail 48VDC industrial power supply
SDR-480-48
480W/10A DIN-Rail 48VDC industrial power supply



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com