Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M89240-R00 Datasheet(PDF) 3 Page - Axiomtek Co., Ltd.

Part # M89240-R00
Description  IEC61850-3/IEEE1613 Modulized Hardened Managed 24-port 10/100BASE and 4-port Gigabit Ethernet Switch with SFP options
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXIOMTEK [Axiomtek Co., Ltd.]
Direct Link  http://www.axiomtek.com/
Logo AXIOMTEK - Axiomtek Co., Ltd.

M89240-R00 Datasheet(HTML) 3 Page - Axiomtek Co., Ltd.

  M89240-R00 Datasheet HTML 1Page - Axiomtek Co., Ltd. M89240-R00 Datasheet HTML 2Page - Axiomtek Co., Ltd. M89240-R00 Datasheet HTML 3Page - Axiomtek Co., Ltd. M89240-R00 Datasheet HTML 4Page - Axiomtek Co., Ltd. M89240-R00 Datasheet HTML 5Page - Axiomtek Co., Ltd. M89240-R00 Datasheet HTML 6Page - Axiomtek Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
EX89000 Series
www.EtherWAN.com
3
rev. A4
Hardware Specifications
Technology
Standards
•IEEE802.3 10BASE-T
•IEEE802.3u 100BASE-TX/100BASE-FX
•IEEE802.3ab 1000BASE-T
•IEEE802.3z 1000BASE-SX/1000BASE-LX
•IEEE802.3x Full duplex and flow control
•IEEE802.1p QoS
•IEEE802.1Q Tag VLANs
•IEEE802.1w RSTP
•IEEE802.1x Port-based Network Access Control
Forward and Filtering Rate
•14,880pps for 10Mbps
•148,810pps for 100Mbps
•1,488,100pps for 1000Mbps
Packet Buffer Memory
•3M bits
Processing Type
•Store-and-Forward
•Auto Negotiation
•Half-duplex back-pressure and IEEE802.3x full-duplex flow
control
•Auto MDI/MDIX
Address Table Size
•8192 MAC addresses
Power
Input
•(T) : ±48VDC (36–75VDC) Internal Universal PSU
•(W) : 88–370VDC and 90–264VAC Internal Universal PSU
•(C) : 90–264VAC, 50–60Hz Internal Universal PSU
•(TR) : ±48VDC Redundant (Terminal Block)
•(WR) : 88–370VDC and 90-264VAC Redundant (Terminal
Block)
•(CR): 90–264VAC Redundant (AC Inlet)
Power Consumption
•42.7W Max.
Mechanical
Casing
•Metal Case
•IP30
Dimensions
•Single Power:
442mm (W) x343mm (D) x 44.2mm (H)
(17.4" (W) x 13.5"(D) x 1.74" (H))
•Redundant Power:
442mm (W) x404mm (D) x 44.2mm (H)
(17.4" (W) x 15.9"(D) x 1.74" (H))
Weight
•Single Power: 4.5Kg (9.9lbs.)
•Redundant Power: 4.6 kg (10.1 lbs.)
Installation
•Rack mounting
Interface
Ethernet Port
•10/100BASE-TX: 24, 16, 8 or 0 port
•100BASE-FX: 0 to 18 ports
•Gigabit: 0, 2 or 4 ports
Console Port
•Port: One DB9 RS-232 port
Alarm Contact
• One relay output with current 1A @ 24VDC
LED Indicators
•Per Unit: Power
•Per Port: Link/Activity (Green)
•Per SFP slot: Selected/Unselected (Green)
Environment
Operating Temperature
•-40°C to 75°C (-40°F to 167°F)
Tested @ -40°C to 85°C (-40°F to 185°F)
Storage Temperature
•-45°C to 85°C (-49°F to 185°F)
Ambient Relative Humidity
•5% to 95% (non-condensing)
Regulatory Approvals
ISO
•Manufactured in an ISO9001 facility
EMI
FCC Part 15B, Class A
EN61000-6-4
EN55022
EN61000-3-2
EN61000-3-3
EMS
EN61000-6-2
•EN61000-4-2 (ESD Standards)
•EN61000-4-3 (Radiated RFI Standards)
•EN61000-4-4 (Burst Standards)
•EN61000-4-5 (Surge Standards)
•EN61000-4-6 (Induced RFI Standards)
•EN61000-4-8 (Magnetic Field Standards)
•IEC61000-4-10 (Oscillatory wave magnetic field test)
•IEC61000-4-16 (Power frequency immunity test)
•IEC61000-4-18 (Oscillatory wave immunity test)
Environmental Test Compliance
IEC60068-2-6 Fc (Vibration Resistance)
IEC60068-2-27 Ea (Shock)
FED STD 101C Method 5007.1 (Free fall w/ package)
Industrial Compliance
IEEE61850-3 / IEEE1613
EN50121-4



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com