Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EX78441-R1B-T Datasheet(PDF) 1 Page - Axiomtek Co., Ltd.

Part # EX78441-R1B-T
Description  Hardened Managed 10-port 10/100BASE and 2-port Gigabit Ethernet Switch
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXIOMTEK [Axiomtek Co., Ltd.]
Direct Link  http://www.axiomtek.com/
Logo AXIOMTEK - Axiomtek Co., Ltd.

EX78441-R1B-T Datasheet(HTML) 1 Page - Axiomtek Co., Ltd.

  EX78441-R1B-T Datasheet HTML 1Page - Axiomtek Co., Ltd. EX78441-R1B-T Datasheet HTML 2Page - Axiomtek Co., Ltd. EX78441-R1B-T Datasheet HTML 3Page - Axiomtek Co., Ltd. EX78441-R1B-T Datasheet HTML 4Page - Axiomtek Co., Ltd. EX78441-R1B-T Datasheet HTML 5Page - Axiomtek Co., Ltd. EX78441-R1B-T Datasheet HTML 6Page - Axiomtek Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
EX78000 Series
www.EtherWAN.com
1
rev. A3
Overview
EtherWAN's EX78000 Series provides a hardened 12-port switching platform supporting IEEE802.3at Power over Ethernet, high
performance switching with robust management features required for mission-critical and harsh environments where sustained
connectivity is crucial.
The EX78000 Series is equipped with 8 10/100BASE-TX PoE ports, in combination with two Gigabit SX/LX/BX/WDM Fiber ports
with SFP options. The IEEE802.3at PoE ports provide up to 30W/port with a total power budget of 180W, making the switch truly
versatile for connecting with PoE Powered Devices (PD) with different bandwidth and power consumption requirements such as
outdoor PTZ dome cameras, wireless access points, and way-side communication devices.
Din rail mountable, the EX78000 Series is equipped with EtherWAN's Alpha-Ring self-healing ring technology providing less than
15ms fault recovery time. Users are able to access management features such as port security, IGMP snooping, port-based VLAN,
GARP protocols, link aggregation, via web browser, telnet, SSH, SNMP, RMON, TFTP, and RS-232 console interfaces. With the
hardened specifications, the EX78000 Series is designed to operate at -40°C to 75°C in harsh environments, where high ESD, shock,
and vibration may be present.
EtherWAN — "When Connectivity is Crucial."
Spotlight
VersatilePoEConnectivity
◦ 10-port 10/100BASE-TX/FX/BX/SFP plus 2-port Gigabit-TX/SX/LX/SFP
◦ Port 1 to 8 supports IEEE802.3af or IEEE802.3at Power over Ethernet
HardenedGrade
◦ Wide operating temperature range from -40°C to 75°C (-40°F to 167°F) for extreme environments
◦ Fanless and ruggedized housing
◦ High shock and electric noise immunity
◦ Complies with NEMA TS2 for traffic control equipment
SecureRemoteAccess
◦ IEEE802.1x and RADIUS support
EX78000Series
HardenedManaged10-port10/100BASE(8xPoE)and
2-portGigabitEthernetSwitch
UL
508
30W
PoE
NEMA
TS2
SFP
Option
15W
PoE


Similar Part No. - EX78441-R1B-T

ManufacturerPart #DatasheetDescription
logo
Axiomtek Co., Ltd.
EX78602 AXIOMTEK-EX78602 Datasheet
672Kb / 5P
Hardened Managed 6-port 10/100BASE
EX78602-01B AXIOMTEK-EX78602-01B Datasheet
672Kb / 5P
Hardened Managed 6-port 10/100BASE
EX78602-03B AXIOMTEK-EX78602-03B Datasheet
672Kb / 5P
Hardened Managed 6-port 10/100BASE
EX78602-04B AXIOMTEK-EX78602-04B Datasheet
672Kb / 5P
Hardened Managed 6-port 10/100BASE
EX78602-05B AXIOMTEK-EX78602-05B Datasheet
672Kb / 5P
Hardened Managed 6-port 10/100BASE
More results

Similar Description - EX78441-R1B-T

ManufacturerPart #DatasheetDescription
logo
Axiomtek Co., Ltd.
ER58000 AXIOMTEK-ER58000 Datasheet
885Kb / 5P
Hardened Managed 8-port 10/100BASE M12 PoE with 2-port Gigabit M12 Ethernet Switch
EX49000A AXIOMTEK-EX49000A Datasheet
520Kb / 3P
Hardened Unmanaged 16-port 10/100BASE PoE and 2-port Gigabit Ethernet Switch
EX61000A AXIOMTEK-EX61000A Datasheet
741Kb / 6P
Industrial Managed 8-port 10/100BASE and 2-port Gigabit Ethernet Switch with SFP options
EX63000 AXIOMTEK-EX63000 Datasheet
545Kb / 6P
Industrial Managed 16-port 10/100BASE with 2-port Gigabit combo Ethernet Switch
EX71000 AXIOMTEK-EX71000 Datasheet
853Kb / 6P
Hardened Managed 8-port 10/100BASE and 2-port Gigabit Ethernet Switch with SFP options
EX73000 AXIOMTEK-EX73000 Datasheet
789Kb / 6P
Hardened Managed 16-port 10/100BASE with 2-port Gigabit combo Ethernet Switch
EX74000 AXIOMTEK-EX74000 Datasheet
564Kb / 5P
Hardened Managed 6-port 10/100BASE with 2-port SFP Gigabit combo Ethernet Switch
EX76000 AXIOMTEK-EX76000 Datasheet
594Kb / 6P
Hardened Managed 16-port 10/100BASE PoE with 2-port Gigabit combo Ethernet Switch
EX77000 AXIOMTEK-EX77000 Datasheet
895Kb / 6P
Hardened Managed 24-port 10/100BASE and 4-port Gigabit Ethernet Switch with SFP options
EX83000 AXIOMTEK-EX83000 Datasheet
886Kb / 6P
IEC61850/IEEE1613 Managed Hardened 16-port 10/100BASE with 2-port Gigabit combo Ethernet Switch
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com