Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EX78441-R5B-T Datasheet(PDF) 6 Page - Axiomtek Co., Ltd.

Part # EX78441-R5B-T
Description  Hardened Managed 10-port 10/100BASE and 2-port Gigabit Ethernet Switch
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXIOMTEK [Axiomtek Co., Ltd.]
Direct Link  http://www.axiomtek.com/
Logo AXIOMTEK - Axiomtek Co., Ltd.

EX78441-R5B-T Datasheet(HTML) 6 Page - Axiomtek Co., Ltd.

  EX78441-R5B-T Datasheet HTML 1Page - Axiomtek Co., Ltd. EX78441-R5B-T Datasheet HTML 2Page - Axiomtek Co., Ltd. EX78441-R5B-T Datasheet HTML 3Page - Axiomtek Co., Ltd. EX78441-R5B-T Datasheet HTML 4Page - Axiomtek Co., Ltd. EX78441-R5B-T Datasheet HTML 5Page - Axiomtek Co., Ltd. EX78441-R5B-T Datasheet HTML 6Page - Axiomtek Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
EX78000 Series
www.EtherWAN.com
6
rev. A3
Ordering Information - continued
PoEType(P)
T
8 ports IEEE802.3at
*If no alphabet specified, the model has 8 ports IEEE802.3af
OptionalAccessories
DD-85-48
85W/1.78A 48VDC Industrial Power Supply (for terminal block)
DR-75-48
75W/1.6A DIN-Rail 48VDC Industrial Power Supply (for terminal block)
DR-120-48
120W/2.5A DIN-Rail 48VDC Industrial Power Supply (for terminal block)
SDR-240-48
240W/5A DIN-Rail 48VDC Industrial Power Supply



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com